Electronic Components Datasheet Search
  English  ▼

X  

RFPA2226 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFPA2226
Description  2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2226 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFPA2226 Datasheet HTML 9Page - RF Micro Devices RFPA2226 Datasheet HTML 10Page - RF Micro Devices RFPA2226 Datasheet HTML 11Page - RF Micro Devices RFPA2226 Datasheet HTML 12Page - RF Micro Devices RFPA2226 Datasheet HTML 13Page - RF Micro Devices RFPA2226 Datasheet HTML 14Page - RF Micro Devices RFPA2226 Datasheet HTML 15Page - RF Micro Devices RFPA2226 Datasheet HTML 16Page - RF Micro Devices RFPA2226 Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16 of 17
RFPA2226
DS121010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout and Bill of Materials
(2.5GHz to 2.7GHz)
For V+=VCC=VPC=5.0V
Board Material GETEK, 10mil thick, Dk=3.9, 2oz. copper
PCB Notes: Do not use less than the recommended number of via holes under the device ground paddle. RF layers thicker
than .020 inches (0.5mm) not recommended..
Bill of Materials
(2.5GHz to 2.7GHz)
DESG
Description
Notes
Q1
RFPA2226
DFN
R1
1.02K,
, 0603 1%
0402 may be used
R2
0
, 0603
0402 may be used
R3
4.02K,
, 0603 1%
0402 may be used
R4
47K,
, 0603
0402 may be used
C1
1uF 16V MLCC CAP
Tantalum ok for EVM performance. Use MLCC type for best IM3 levels.
C2
5.6pF CAP, 0603
NPO ROHM MCH185A5R6DK or equiv.
C3, 4
0.1uF CAP, 0603
X7R 0402 ok, ROHM MCH182CN104K or equiv.
C5
1.6pF CAP, 0603
NPO, low ESR ATC 600S1R6JW250 or equiv.
C6
1.2pF CAP, 0603
NPO, low ESR ATC 600S1R2CW250 or equiv.
C7
1.0pF CAP, 0603
ROHM MCH185A1R0DK or equiv. NPO 0402 ok.
C8
10pF CAP, 0603
NPO, low EST ATC 600S100JW250 or equiv.
L1
12nH IND, 0805
Coilcraft 0805HQ-12NXJBB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com