Electronic Components Datasheet Search
  English  ▼

X  

RFPA5512 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5512
Description  WiFi Integrated PA Module 4.9GHz to 5.85GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5512 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5512 Datasheet HTML 1Page - RF Micro Devices RFPA5512 Datasheet HTML 2Page - RF Micro Devices RFPA5512 Datasheet HTML 3Page - RF Micro Devices RFPA5512 Datasheet HTML 4Page - RF Micro Devices RFPA5512 Datasheet HTML 5Page - RF Micro Devices RFPA5512 Datasheet HTML 6Page - RF Micro Devices RFPA5512 Datasheet HTML 7Page - RF Micro Devices RFPA5512 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFPA5512
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
-0.5 to +6
VDC
DC Supply Current
1000
mA
Operating Temperature Range
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power
into 50Ω for 11a/n/ac (No Damage).
*R1=0
Ω
+10
dBm
Maximum TX Input Power 10:1 VSWR for 11a/n/ac (No Damage).
*R1=15Ω
+15
dBm
Moisture Sensitivity Level (260°C JEDEC J-STD-020)
MSL2
*Note: For R1 placement please refer to the applications schematic
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied. This is an
InGaP PA designed for high duty cycle applications with
Tj>100
oC.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
IEEE802.11a/n/ac
Operating Frequency
5.180
5.925
GHz
Extended Operating Frequency
4.900
5.180
GHz
Power Supply VCC
4.75
5.00
5.25
V
Power Supply VREF
2.85
2.90
2.95
V
T= +25ºC, VCC=5.0V, VREF = 2.90V, Over Operating Frequency
Range, Unless Otherwise Noted
IEEE802.11ac 80MHz Output
Power
22
23
dBm
MCS9, 256QAM
IEEE802.11ac 80MHz EVM
1.5
1.8
%
-36.5
-35
dB
IEEE802.11n 20/40MHz Output
Power
23.5
25
dBm
MCS7, 64QAM
IEEE802.11n 40MHz EVM
2.5
3
%
-32.0
-30.5
dB
Large Signal Gain
31
33
dB
Gain Variation over Temp
-2.0
+2.0
dB
Over Any 100MHz Frequency band
Margin to Spectral Mask
5
0
dB
POUT=25dBm; MCS0 80MHz
5
0
dB
POUT=26dBm; MCS0 40MHz
5
0
dB
POUT=27dBm; MCS0 20MHz, 11a 6Mbps
Operating Current
275
325
mA
POUT=23dBm
375
420
mA
POUT=27dBm
Quiescent Current
140
mA
VREF Current
12
mA
Leakage Current
100
250
nA
RF OFF; VREF = 0V
Second Harmonic
-45
-40
dBm/
MHz
POUT = 27dB Over Operating Frequency band.
Third Harmonic
-50
-45
dBm/
MHz
OOB Rejection
-5
dB
Gain (S21)@ 3.3 – 3.8GHz
7
dB
Gain ( S21)@ 7.0 GHz
RFPA5512



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com