Electronic Components Datasheet Search
  English  ▼

X  

RFPA5512 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFPA5512
Description  WiFi Integrated PA Module 4.9GHz to 5.85GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5512 Datasheet(HTML) 8 Page - RF Micro Devices

  RFPA5512 Datasheet HTML 1Page - RF Micro Devices RFPA5512 Datasheet HTML 2Page - RF Micro Devices RFPA5512 Datasheet HTML 3Page - RF Micro Devices RFPA5512 Datasheet HTML 4Page - RF Micro Devices RFPA5512 Datasheet HTML 5Page - RF Micro Devices RFPA5512 Datasheet HTML 6Page - RF Micro Devices RFPA5512 Datasheet HTML 7Page - RF Micro Devices RFPA5512 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 8
RFPA5512
Pin Names and Descriptions
Pin
Name
Description
1
NC
Not connected internally. It may be left floating or connected to ground.
2
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
3
RFIN
RF inp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
4
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
5
VREF
Input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
6
RC1
Tuning RC pin 1. See EVB schematic for details.
7
RC2
Tuning RC pin 2. See EVB schematic for details.
8
NC
Not connected internally. It may be left floating or connected to ground.
9
NC
Not connected internally. It may be left floating or connected to ground.
10
PDET
Power detector. Provides an output voltage proportional to the RF output power level.
11
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
12
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
13
RFOUT
RF outp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
14
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
15
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
16
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
17
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
18
VCC3
Third stage supply voltage
19
VCC2
Second stage supply voltage.
20
VCC1
First stage supply voltage.
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plan though as short of
a connection as possible. PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com