Electronic Components Datasheet Search
  English  ▼

X  

RFPA5512 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA5512
Description  WiFi Integrated PA Module 4.9GHz to 5.85GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5512 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA5512 Datasheet HTML 1Page - RF Micro Devices RFPA5512 Datasheet HTML 2Page - RF Micro Devices RFPA5512 Datasheet HTML 3Page - RF Micro Devices RFPA5512 Datasheet HTML 4Page - RF Micro Devices RFPA5512 Datasheet HTML 5Page - RF Micro Devices RFPA5512 Datasheet HTML 6Page - RF Micro Devices RFPA5512 Datasheet HTML 7Page - RF Micro Devices RFPA5512 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 8
RFPA5512
Evaluation Board Schematic
R4
1.5KΩ
(0402 )
VREF
PDET
J2
RF_OUT
50Ω µstrip
J1
RF_IN
50Ω µstrip
VCC2
C1
2.2uF
(0402)
C3
2.2µF
(0402)
C5
1nF
(0402)
C2
2.2uF
(0402)
6
7
8
9
4
3
20
19
18
17
2
1
11
12
13
14
U1
RFPA5512
10
15
5
16
C6
10pF
(0402)
C9
3.3nF
(0402)
R2
1.5kΩ
(0402 )
C4
5.6nF
(0402)
VCC1
VCC3
C7
10pF
(0402)
C8
10pF
(0402)
R1
0Ω
(0402 )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com