Electronic Components Datasheet Search
  English  ▼

X  

RFPA5512 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA5512
Description  WiFi Integrated PA Module 4.9GHz to 5.85GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5512 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA5512 Datasheet HTML 1Page - RF Micro Devices RFPA5512 Datasheet HTML 2Page - RF Micro Devices RFPA5512 Datasheet HTML 3Page - RF Micro Devices RFPA5512 Datasheet HTML 4Page - RF Micro Devices RFPA5512 Datasheet HTML 5Page - RF Micro Devices RFPA5512 Datasheet HTML 6Page - RF Micro Devices RFPA5512 Datasheet HTML 7Page - RF Micro Devices RFPA5512 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
RFPA5512
WiFi Integrated PA Module
4.9GHz to 5.85GHz
The RFPA5512 is a three-stage power amplifier (PA) designed for
802.11a/n/ac applications. The integr
ated input and output 50Ω match
greatly reduces the layout area, bill of materials and manufacturability
cost in the customer application. The RFPA5512 is manufactured on an
advanced InGaP heterojunction bipolar transistor (HBT) process and is
capable of achieving linear powers up to 23dBm with an EVM <1.8%
while maintaining excellent power added efficiency.
The device is
provided in a 4.0mm x 4.0mm x 0.9mm QFN package that meets or
exceeds the power requirements of IEEE802.11a/n/ac WiFi RF systems
.
GND
RFOUT
GND
VCC1
PDET
VREF
VCC2
RC1
RFIN
BIAS
CIRCUIT
NC
GND
GND
GND
GND
VCC3
GND
GND
NC
NC
RC2
7
9
10
6
8
19
17
16
20
18
14
12
11
15
13
2
4
5
1
3
Functional Block Diagram
Ordering Information
RFPA5512SB
Standard 5-piece Sample Bag
RFPA5512SQ
Standard 25-piece Sample Bag
RFPA5512SR
Standard 100-piece Reel
RFPA5512TR13
Standard 2500-piece Reel
RFPA5512PCK-410
Fully Assembled Eval Board w/5-piece bag
Package: QFN, 20-pin,
4.0mm x 4.0mm x 0.9mm
Features
■ P
OUT = 23dBm, 5V, 11ac, 80MHz
MCS9 @ 1.8% EVM
■ Pout = 25dBm, 5V, 11n, 20/40
MHz, MCS7 @ 3%
■ Typical Gain = 33dB
■ High PAE
■ Input and Output Matched to 50Ω
■ Integrated Power Detector,
Harmonic filter, and notch filter
Applications
■ Customer Premise Equipment
(CPE)
■ Wireless Access Points, Gateways
■ Routers
■ Set-Top Box Applications
■ Picocell/Femtocell
RFPA5512


Similar Part No. - RFPA5512

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512PCK-410 QORVO-RFPA5512PCK-410 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512SB QORVO-RFPA5512SB Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512SQ QORVO-RFPA5512SQ Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5512SR QORVO-RFPA5512SR Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
More results

Similar Description - RFPA5512

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFPA5522 RFMD-RFPA5522 Datasheet
274Kb / 9P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
RFPA5542 RFMD-RFPA5542 Datasheet
391Kb / 7P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFPA5542 QORVO-RFPA5542 Datasheet
416Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com