Electronic Components Datasheet Search
  English  ▼

X  

RT6208 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6208
Description  The RT6208 is a high-efficiency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6208 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6208 Datasheet HTML 1Page - Richtek Technology Corporation RT6208 Datasheet HTML 2Page - Richtek Technology Corporation RT6208 Datasheet HTML 3Page - Richtek Technology Corporation RT6208 Datasheet HTML 4Page - Richtek Technology Corporation RT6208 Datasheet HTML 5Page - Richtek Technology Corporation RT6208 Datasheet HTML 6Page - Richtek Technology Corporation RT6208 Datasheet HTML 7Page - Richtek Technology Corporation RT6208 Datasheet HTML 8Page - Richtek Technology Corporation RT6208 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RT6208
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6208-00
May
2015
www.richtek.com
5
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN
--------------------------------------------------------------------------------------------------- 0.3V to 40V
Switch Voltage, SW
---------------------------------------------------------------------------------------------------- 0.3V to (VIN + 0.3V)
All Other Pins
------------------------------------------------------------------------------------------------------------ 0.3V to 6V
Power Dissipation, PD @ TA = 25C
SOP-8 (Exposed Pad)
------------------------------------------------------------------------------------------------ 3.26W
SOT-23-6
------------------------------------------------------------------------------------------------------------------ 0.48W
SOT-23-8
------------------------------------------------------------------------------------------------------------------ 0.53W
Package Thermal Resistance
(Note 2)
SOP-8 (Exposed Pad),
JA ----------------------------------------------------------------------------------------- 30.6C/W
SOP-8 (Exposed Pad),
JC ----------------------------------------------------------------------------------------- 3.4C/W
SOT-23-6,
JA ----------------------------------------------------------------------------------------------------------- 208.2C/W
SOT-23-6,
JC ----------------------------------------------------------------------------------------------------------- 32C/W
SOT-23-8,
JA ----------------------------------------------------------------------------------------------------------- 186.2C/W
SOT-23-8,
JC ----------------------------------------------------------------------------------------------------------- 47.4C/W
Lead Temperature (Soldering, 10 sec.)
------------------------------------------------------------------------- 260C
Junction Temperature
------------------------------------------------------------------------------------------------- 150C
Storage Temperature Range
--------------------------------------------------------------------------------------- 65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model)
----------------------------------------------------------------------------------------- 2kV
MM (Machine Model)
------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Input Voltage Range
-------------------------------------------------------------------------------------------------- 4.5V to 36V
Ambient Temperature Range
-------------------------------------------------------------------------------------- 40C to 85C
Junction Temperature Range
-------------------------------------------------------------------------------------- 40C to 125C
Electrical Characteristics
(VIN = 12V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Active Mode
--
160
190
A
Sleep Mode
--
25
40
A
Shutdown Mode
VEN = 0V
--
3
6
A
Feedback Comparator Trip Voltage
VFB
VFB Rising
0.792
0.8
0.808
V
Feedback Comparator Hysteresis
VFBHYS
3
5
7
mV
Feedback Pin Current
IFB
100
0
100
nA
High-Side Switch On-Resistance
RDS(ON)_H
--
3
--
Low-Side Switch On-Resistance
RDS(ON)_L
--
1.5
--
Enable Threshold Voltage
Enable Rising
1
1.2
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com