Electronic Components Datasheet Search
  English  ▼

X  

RT6208 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6208
Description  The RT6208 is a high-efficiency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6208 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6208 Datasheet HTML 3Page - Richtek Technology Corporation RT6208 Datasheet HTML 4Page - Richtek Technology Corporation RT6208 Datasheet HTML 5Page - Richtek Technology Corporation RT6208 Datasheet HTML 6Page - Richtek Technology Corporation RT6208 Datasheet HTML 7Page - Richtek Technology Corporation RT6208 Datasheet HTML 8Page - Richtek Technology Corporation RT6208 Datasheet HTML 9Page - Richtek Technology Corporation RT6208 Datasheet HTML 10Page - Richtek Technology Corporation RT6208 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
RT6208
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6208-00
May
2015
www.richtek.com
7
Typical Application Circuit
RT6208
EN
VIN
ISET
SW
VOUT
PGOOD
GND
VIN
4.5V to 36V
CIN
L
COUT
R1
R2
FB
AGND
(Open = automatic start)
*CFF
*See Application Information for detail.
(Recommended Component Selections for a 100mA Loading application of Popular output Voltage)
VOUT (V)
CIN (F)
COUT (F)
L (
H)
R2 (k
)
R1 (k
)
CFF (pF)
ISET
1.8
2.2
10
150
24
30
68
Floating
3.3
2.2
10
150
24
75
120
Floating
5
2.2
10
150
24
126
150
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com