Electronic Components Datasheet Search
  English  ▼

X  

RT6208 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6208
Description  The RT6208 is a high-efficiency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6208 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6208 Datasheet HTML 1Page - Richtek Technology Corporation RT6208 Datasheet HTML 2Page - Richtek Technology Corporation RT6208 Datasheet HTML 3Page - Richtek Technology Corporation RT6208 Datasheet HTML 4Page - Richtek Technology Corporation RT6208 Datasheet HTML 5Page - Richtek Technology Corporation RT6208 Datasheet HTML 6Page - Richtek Technology Corporation RT6208 Datasheet HTML 7Page - Richtek Technology Corporation RT6208 Datasheet HTML 8Page - Richtek Technology Corporation RT6208 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT6208
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6208-00
May
2015
www.richtek.com
1
High Efficiency, 36V 100mA Synchronous Step-Down Converter
General Description
The RT6208 is a high-efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to
100mA output current from a 4.5V to 36V input supply. It
requires only 25
A typical supply current at no load
while maintaining output voltage regulation. The RT6208
achieves Boundary Conduction Mode (BCM) operation,
low quiescent current and programmable high-side peak
current limit, providing high efficiency over a wide range
of load currents. It also provides soft-start protection to
eliminate input current surge during start-up. The low
current
(3
A) shutdown mode provides output
disconnect,
enabling easy
power
management in
battery-powered systems. The RT6208 is available in a
SOT-23-6, SOT-23-8 and SOP-8 (Exposed Pad, with
power good function) packages.
Ordering Information
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
E : SOT-23-6
V8 : SOT-23-8
RT6208
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020
.
Suitable for use in SnPb or Pb-free soldering processes
Features
Achieves Very High Efficiency in Low Load
Conditions
1% High Accuracy Feedback Voltage
4.5V to 36V Input Voltage Range
100mA Output Current
Integrated High-Side and Low-Side Switches
No Compensation Required
Low Quiescent Current
Adjustable Peak Current Limit
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Internal Soft-Start
Thermal Shutdown Protection
Applications
Wireless Charger
Industrial and Commercial Low Power Systems
Green Electronics/Appliances
Point of Load Regulation for High-Performance
DSPs
MCU Supply in Wireless LED Lighting
Marking Information
RT6208GSP : Product Number
YMDNN : Date Code
RT6208
GSPYMDNN
RT6208GSP
30= : Product Code
DNN : Date Code
30=DNN
RT6208GE
0E= : Product Code
DNN : Date Code
0E=DNN
RT6208GV8


Similar Part No. - RT6208

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6200 RICHTEK-RT6200 Datasheet
253Kb / 12P
0.6A, 36V, 1.2MHz Step-Down Converter
August 2015
RT6200GE RICHTEK-RT6200GE Datasheet
784Kb / 9P
RT6200GE Evaluation Board
RT6200GE RICHTEK-RT6200GE Datasheet
253Kb / 12P
0.6A, 36V, 1.2MHz Step-Down Converter
August 2015
logo
Amphenol Corporation
RT62019PN AMPHENOL-RT62019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT62019PW AMPHENOL-RT62019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results

Similar Description - RT6208

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
The A1101R08C is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
The A1101R09C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
The A2500R24A is a high-performance
A2500R24C ANAREN-A2500R24C Datasheet
861Kb / 2P
The A2500R24C is a high-performance
logo
Richtek Technology Corp...
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
The RT6296C is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
The RT6296D is a high-efficiency
RT6296F RICHTEK-RT6296F Datasheet
813Kb / 12P
The RT6296F is a high-efficiency
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
The RT7296C is a high-efficiency
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
The RT8004A is a high efficiency synchronous
logo
HTC Korea TAEJIN Techno...
TJ9910 HTC-TJ9910 Datasheet
272Kb / 9P
The TJ9910 is a PWM high-efficiency LED driver control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com