Electronic Components Datasheet Search
  English  ▼

X  

RT8477A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8477A
Description  High Voltage High Multiple-Topology Current LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8477A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8477A Datasheet HTML 1Page - Richtek Technology Corporation RT8477A Datasheet HTML 2Page - Richtek Technology Corporation RT8477A Datasheet HTML 3Page - Richtek Technology Corporation RT8477A Datasheet HTML 4Page - Richtek Technology Corporation RT8477A Datasheet HTML 5Page - Richtek Technology Corporation RT8477A Datasheet HTML 6Page - Richtek Technology Corporation RT8477A Datasheet HTML 7Page - Richtek Technology Corporation RT8477A Datasheet HTML 8Page - Richtek Technology Corporation RT8477A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT8477A
4
DS8477A-02 April 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Overall
Regulator Output Voltage
VCREG
ICREG = 20mA
4.5
5
5.5
V
Supply Current
IVCC
VCTL = 3V
--
--
3
mA
VIN Under Voltage Lockout
Threshold
VUVLO
VIN Rising
--
4.25
4.5
V
VIN Falling
--
4.2
--
Current Sense Amplifier
Input Threshold (VISP  VISN)
4.5
 Common Mode  20V
95
100
105
mV
Input Current
IISP
VISP = 24V
--
150
--
A
IISN
VISN = 24V
--
50
--
Output Current
IVC
2.4V > VC > 0.3V
--
10
--
A
VC Threshold for CTL Switch Off
--
0.4
--
V
LED Dimming
Input Current of CTL Pin
ICTL
0.2V
 VCTL  1.2V
--
1
2
A
LED Current Off Threshold at CTL
VCTL_OFF
--
0.33
0.4
V
LED Current On Threshold at CTL
VCTL_ON
--
2
2.5
V
Recommended Operating Conditions
(Note 5)
Supply Input Voltage, VCC ------------------------------------------------------------------------------------ 4.5V to 50V
Junction Temperature Range ----------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VCC ------------------------------------------------------------------------------------
−0.3V to 60V
ISP, ISN ------------------------------------------------------------------------------------------------------------
−0.3V to 60V
SENS, DRV, CREG, VC Pin Voltage -----------------------------------------------------------------------
−0.3V to 5.5V
CTL Pin Voltage -------------------------------------------------------------------------------------------------
−0.3V to 20V (Note 2)
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) ----------------------------------------------------------------------------------------- 3.26W
Package Thermal Resistance (Note 3)
SOP-8 (Exposed Pad),
θJA ------------------------------------------------------------------------------------ 30.6°C/W
SOP-8 (Exposed Pad),
θJC ----------------------------------------------------------------------------------- 3.4°C/W
Junction Temperature ------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 4)
HBM (Human Body Model) ------------------------------------------------------------------------------------ 2kV
(VCC = 12V, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com