Electronic Components Datasheet Search
  English  ▼

X  

RT8477A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8477A
Description  High Voltage High Multiple-Topology Current LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8477A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8477A Datasheet HTML 1Page - Richtek Technology Corporation RT8477A Datasheet HTML 2Page - Richtek Technology Corporation RT8477A Datasheet HTML 3Page - Richtek Technology Corporation RT8477A Datasheet HTML 4Page - Richtek Technology Corporation RT8477A Datasheet HTML 5Page - Richtek Technology Corporation RT8477A Datasheet HTML 6Page - Richtek Technology Corporation RT8477A Datasheet HTML 7Page - Richtek Technology Corporation RT8477A Datasheet HTML 8Page - Richtek Technology Corporation RT8477A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8477A
®
DS8477A-02 April 2015
www.richtek.com
1
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
High Voltage High Multiple-Topology Current LED Driver
General Description
The RT8477A is a current mode PWM controller designed
to drive an external MOSFET for high current LED
applications with wide input voltage (4.5V to 50V) and
output voltage (up to 50V) ranges. With internal 380kHz
operating frequency, the size of the external PWM inductor
and input/output capacitors can be minimized. High
efficiency is achieved by a 100mV current sensing control.
LED Dimming control can be done by analog.
The RT8477A is now available in the SOP-8 (Exposed
Pad) package.
Features
Support Multiple-Topologies (Buck / Boost / Buck-
Boost)
High Voltage : VIN up to 50V, VOUT up to 50V
380kHz Fixed Switching Frequency
Analog or PWM Control Signal for LED Dimming
Internal Soft-Start to Avoid Inrush Current
Under-Voltage Lockout
Thermal Shutdown
Applications
Desk Lights and Room Lighting
Industrial Display Backlight
Simplified Application Circuit
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
Marking Information
RT8477A
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
Lead Plating System
G : Green (Halogen Free and Pb Free)
VCC
ISP
ISN
VC
CREG
DRV
CTL
SENS
GND
2
3
4
5
6
7
8
9
RT8477A
GSPYMDNN
RT8477AGSP : Product Number
YMDNN : Date Code
DRV
SENS
VCC
RT8477A
GND
CTL
R1
VIN
C1
ISN
LEDs
D1
C4
L1
R2
M1
Analog Dimming
CREG
C2
R3
C3
VC
R4
C5
ISP
C6
R5


Similar Part No. - RT8477A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
RT8471GFP RICHTEK-RT8471GFP Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
RT8471GJ5 RICHTEK-RT8471GJ5 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
RT8471GSP RICHTEK-RT8471GSP Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
RT8471ZFP RICHTEK-RT8471ZFP Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results

Similar Description - RT8477A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8474A RICHTEK-RT8474A Datasheet
207Kb / 13P
High Voltage Multiple-Topology LED Driver
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
High Voltage Multi-Topology LED Driver
logo
Illinois Capacitor, Inc...
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
Multiple Case Sizes - High Voltage ??High Current
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
High Voltage High Current LED Driver Controller
logo
Diodes Incorporated
AL9910AEV2 DIODES-AL9910AEV2 Datasheet
431Kb / 6P
High Current and High Voltage LED Driver
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com