Electronic Components Datasheet Search
  English  ▼

X  

RT8477A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8477A
Description  High Voltage High Multiple-Topology Current LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8477A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8477A Datasheet HTML 1Page - Richtek Technology Corporation RT8477A Datasheet HTML 2Page - Richtek Technology Corporation RT8477A Datasheet HTML 3Page - Richtek Technology Corporation RT8477A Datasheet HTML 4Page - Richtek Technology Corporation RT8477A Datasheet HTML 5Page - Richtek Technology Corporation RT8477A Datasheet HTML 6Page - Richtek Technology Corporation RT8477A Datasheet HTML 7Page - Richtek Technology Corporation RT8477A Datasheet HTML 8Page - Richtek Technology Corporation RT8477A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8477A
2
DS8477A-02 April 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VCC
Supply Voltage Input. For good bypass, a low ESR capacitor is required.
2
ISP
Positive Input Current Sense.
3
ISN
Negative Input Current Sense. Voltage threshold between ISP and ISN is 100mV.
4
VC
VC Compensation Node for Current Loop.
5
CTL
Analog Dimming Control Input. Effective programming range is 0.33V to 2V.
6
SENS
Current Sense Input for LED Current. Connect the current sense resistor
between external N-MOSFET switch and the ground.
7
DRV
External MOSFET Switch Gate Driver Output.
8
CREG
Regulator Output. Placed 1
F capacitor to stabilize the 5V regulator output.
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
Functional Pin Description
R
R
S
OSC
+
-
4.5V
+
-
+
-
GM
ISN
CTL
VCC
GND
CREG
DRV
5V
LDO
SENS
Soft-Start
VC
ISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com