Electronic Components Datasheet Search
  English  ▼

X  

RT9074 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9074
Description  The RT9074 family are high voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9074 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9074 Datasheet HTML 1Page - Richtek Technology Corporation RT9074 Datasheet HTML 2Page - Richtek Technology Corporation RT9074 Datasheet HTML 3Page - Richtek Technology Corporation RT9074 Datasheet HTML 4Page - Richtek Technology Corporation RT9074 Datasheet HTML 5Page - Richtek Technology Corporation RT9074 Datasheet HTML 6Page - Richtek Technology Corporation RT9074 Datasheet HTML 7Page - Richtek Technology Corporation RT9074 Datasheet HTML 8Page - Richtek Technology Corporation RT9074 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT9074
4
DS9074-01
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT9074 is a high input-voltage linear regulator
specifically designed to minimize external components.
The input voltage range is from 4.5V to 60V. The device
supplies 100mA of output current with a maximum dropout
voltage of 300mV. Its 30
μA quiescent and 2μA shutdown
currents make it ideal for use in battery-powered
applications. Unlike many PNP LDO regulators, ground
current does not increase much in dropout conditions.
Output Transistor
The RT9074 includes a built-in PNP output transistor
configured for low dropout voltage. The output transistor
blocks reverse current if the output voltage is held higher
than the input voltage (such as in battery-backup
applications) so no additional output blocking diode is
needed.
Error Amplifier
The Error Amplifier compares the output feedback voltage
from an internal feedback voltage divider (fixed output
versions) or FB (adjustable output versions) to an internal
reference voltage and controls the PNP output transistor's
base current to maintain output voltage regulation. The
RT9074's internal dividers are placed between SENSE and
GND and have a divider resistance of about 1M
Ω.
Current Limit Protection
The RT9074 provides a current limit function to prevent
damage during output over-load or shorted-circuit
conditions. The output current is detected by an internal
current-sense transistor.
Over-Temperature Protection
The over temperature protection function will turn off the
PNP output transistor when the internal junction
temperature exceeds 150
°C (typ.). Once the junction
temperature cools down by approximately 20
°C, the
regulator will automatically resume operation.
Reverse-Battery Protection
The RT9074 inputs (VIN and SHDN) can withstand reverse
voltages as high as
−60V. Both the IC and the load are
protected, as long as the load impedance is 500
Ω or less.
In these conditions, the output voltage is guaranteed to
be no more negative than
−1V with the maximum negative
input voltage. In battery-powered applications, no
additional protection against battery reversal is typically
needed.
Reverse-Output Protection
The RT9074 protects against current flow to the input (VIN)
when the output voltage exceeds VIN. This simplifies
battery and capacitive
“keep-alive” circuits since they
need no additional output blocking diode.
Shutdown Input (8 Pin Versions)
The RT9074 SHDN input is an active-high input that turns
off the output transistor and reduces the quiescent current
to 2
μA typical. Connect SHDN to a voltage below 0.6V for
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com