Electronic Components Datasheet Search
  English  ▼

X  

RT9074 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9074
Description  The RT9074 family are high voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9074 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9074 Datasheet HTML 1Page - Richtek Technology Corporation RT9074 Datasheet HTML 2Page - Richtek Technology Corporation RT9074 Datasheet HTML 3Page - Richtek Technology Corporation RT9074 Datasheet HTML 4Page - Richtek Technology Corporation RT9074 Datasheet HTML 5Page - Richtek Technology Corporation RT9074 Datasheet HTML 6Page - Richtek Technology Corporation RT9074 Datasheet HTML 7Page - Richtek Technology Corporation RT9074 Datasheet HTML 8Page - Richtek Technology Corporation RT9074 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT9074
5
DS9074-01
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply
Operational VIN
VIN
0 < IOUT < 100mA
4.5
--
60
V
Quiescent Current
IQ
VIN = 24V, VSHDN = 0V
--
30
40
A
Shutdown Current
ISHDN
VIN = 24V, VSHDN = 2.5V, VOUT = 0
--
2
10
A
Input Reverse Leakage
Current
IVINr
VIN = 60V, VOUT = 0V
--
--
0.1
mA
Output Voltage and Current
Output Current Limit
ILIM
120
--
200
mA
Line Regulation
VLINE
5.5V < VIN < 60V, IOUT = 1mA
--
0.2
--
%
Absolute Maximum Ratings
(Note 1)
VIN -----------------------------------------------------------------------------------------------------------------------------
−60V to 80V
SHDN --------------------------------------------------------------------------------------------------------------------------
−60V to 80V
VOUT to GND ---------------------------------------------------------------------------------------------------------------
−60V to 80V
VOUT to VIN -----------------------------------------------------------------------------------------------------------------
−80V to 60V
SENSE to GND -------------------------------------------------------------------------------------------------------------
−30V to 30V
SENSE to VIN ---------------------------------------------------------------------------------------------------------------
−80V to 60V
FB ------------------------------------------------------------------------------------------------------------------------------
−0.3V to 20V
FB Current -------------------------------------------------------------------------------------------------------------------
−6mA to 6mA
Power Dissipation, PD @ TA = 25
°C
SOT-223 ---------------------------------------------------------------------------------------------------------------------- 1.25W
MSOP-8 ( Exposed Pad) -------------------------------------------------------------------------------------------------------------- 2.1W
SOP-8 ( Exposed Pad) ----------------------------------------------------------------------------------------------------------------- 3.26W
Package Thermal Resistance (Note 2)
SOT-223,
θJA ----------------------------------------------------------------------------------------------------------------- 80°C/W
SOP-8 ( Exposed Pad),
θJA------------------------------------------------------------------------------------------------ 30.6°C/W
MSOP-8 ( Exposed Pad),
θJA --------------------------------------------------------------------------------------------- 47.4°C/W
SOT-223,
θJC------------------------------------------------------------------------------------------------------------------------------------------------------------------ 7.4°C/W
MSOP-8 ( Exposed Pad),
θJC--------------------------------------------------------------------------------------------- 11.9°C/W
SOP-8 ( Exposed Pad),
θJC ----------------------------------------------------------------------------------------------- 3.4°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------------- 4.5V to 60V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
(4.5V < VIN < 60V, VSHDN = 0V, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com