Electronic Components Datasheet Search
  English  ▼

X  

RT9074 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9074
Description  The RT9074 family are high voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9074 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9074 Datasheet HTML 1Page - Richtek Technology Corporation RT9074 Datasheet HTML 2Page - Richtek Technology Corporation RT9074 Datasheet HTML 3Page - Richtek Technology Corporation RT9074 Datasheet HTML 4Page - Richtek Technology Corporation RT9074 Datasheet HTML 5Page - Richtek Technology Corporation RT9074 Datasheet HTML 6Page - Richtek Technology Corporation RT9074 Datasheet HTML 7Page - Richtek Technology Corporation RT9074 Datasheet HTML 8Page - Richtek Technology Corporation RT9074 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT9074
3
DS9074-01
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Description
Pin No.
RT9074-
25/33/50
GSP/GFP
RT9074
GSP/GFP
RT9074
GG
Name
Function
1
1
3
VOUT
VOUT supplies power to the load. A minimum output capacitor
of 1
F is required for stable operation.
2
2
--
SENSE
Output Voltage Sense. For applications with VOUT  25V,
SENSE can be connected to the output voltage to optimize
the control loop compensation.
For applications with VOUT > 25V (adjustable versions only),
SENSE must be left unconnected. Control loop compensation
is optimized by adding a feed-forward capacitor in the
feedback resistor divider connected to FB (see Adjustable
Output Voltage and Compensation section).
3
--
--
NC
No Internal Connection.
--
3
--
FB
Feedback Input. Connect to the center tap of a resistor divider
for setting the output voltage. (Adjustable versions only)
4
--
--
NC
No Internal Connection.
5
5
--
SHDN
Shutdown Control Input (Active High). Connect SHDN high to
disable the output voltage and reduce the IC’s quiescent
current to 2
A (typical). Connect SHDN low to enable the
output. SHDN is a high-voltage input (also able to withstand
reverse voltage) and can be connected directly to a
high-voltage input.
6, 7, 9*
6, 7, 9*
2
GND
Ground. The exposed pad should be soldered to a large PCB
and connected to GND for maximum thermal dissipation.
8
8
1
VIN
Power Input. Bypass VIN with a 0.18
F or larger capacitor
with adequate voltage rating.
* exposed pad
Function Block Diagram
RT9074-25/33/50 (Fixed Output)
RT9074 (Adjustable Output)
Current Limit
Over-
Temperature
Protection
-
VIN
VOUT
SENSE
GND
Reference
SHDN
Error Amp
-
VIN
VOUT
SENSE
GND
Reference
SHDN
Error Amp
FB
Current Limit
Over-
Temperature
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com