Electronic Components Datasheet Search
  English  ▼

X  

RT9074 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9074
Description  The RT9074 family are high voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9074 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9074 Datasheet HTML 4Page - Richtek Technology Corporation RT9074 Datasheet HTML 5Page - Richtek Technology Corporation RT9074 Datasheet HTML 6Page - Richtek Technology Corporation RT9074 Datasheet HTML 7Page - Richtek Technology Corporation RT9074 Datasheet HTML 8Page - Richtek Technology Corporation RT9074 Datasheet HTML 9Page - Richtek Technology Corporation RT9074 Datasheet HTML 10Page - Richtek Technology Corporation RT9074 Datasheet HTML 11Page - Richtek Technology Corporation RT9074 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT9074
8
DS9074-01
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Leakage Current vs. Reverse Voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-80
-70
-60
-50
-40
-30
-20
-10
0
Reverse Voltage (V)
SHDN = VIN, VOUT = SENSE = GND
Output Noise vs. Frequency
100
120
140
160
180
200
10
100
1000
10000
100000
Frequency (Hz)
VIN = 12V, IOUT = 10mA
Ground Current vs. Output Current
0
1
2
3
4
5
6
7
8
9
10
0
20406080
100
Output Current (mA)
In Dropout
2V Headroom
Output Voltage vs. Input Voltage
-5.00
-4.00
-3.00
-2.00
-1.00
0.00
1.00
0
102030405060
Input Voltage (V)
IOUT = 0mA
IOUT = 50mA
IOUT = 80mA
IOUT = 100mA
VOUT = 3.3V
Current Limit vs. Input Voltage
80
100
120
140
160
180
200
0
102030
405060
Input Voltage (V)
TA = 25
°C
Dropout Voltage vs. Temperature
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
Temperature (°C)
IOUT = 50mA
IOUT = 80mA
IOUT = 100mA
IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com