Electronic Components Datasheet Search
  English  ▼

X  

RT9745A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9745A
Description  Low Resistance Load Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9745A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9745A Datasheet HTML 1Page - Richtek Technology Corporation RT9745A Datasheet HTML 2Page - Richtek Technology Corporation RT9745A Datasheet HTML 3Page - Richtek Technology Corporation RT9745A Datasheet HTML 4Page - Richtek Technology Corporation RT9745A Datasheet HTML 5Page - Richtek Technology Corporation RT9745A Datasheet HTML 6Page - Richtek Technology Corporation RT9745A Datasheet HTML 7Page - Richtek Technology Corporation RT9745A Datasheet HTML 8Page - Richtek Technology Corporation RT9745A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT9745A
4
DS9745A-00 August 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
EN Input Supply
High-Level
VENH
1.4
--
5.5
Input Voltage
Low-Level
VENL
0
--
0.5
V
ENx Pin Input Leakage Current IEN
VEN = 5.5V
--
--
1
A
Absolute Maximum Ratings
(Note 1)
VIN1, VIN2, EN1, EN2, VDD, VOUT1, VOUT2, SS1, SS2 -------------------------------------------------------
−0.3V to 6V
Maximum Continuous Switch Current Per Channel, IMAX ------------------------------------------------------- 6A
Maximum Pulsed Switch Current, Pulse <300
μs, 2% Duty Cycle Per Channel, IPLS -------------------- 8A
Power Dissipation, PD @ TA = 25
°C
WDFN-14TL 3x2 ------------------------------------------------------------------------------------------------------------ 3.11W
Package Thermal Resistance (Note 2)
WDFN-14TL 3x2,
θJA ------------------------------------------------------------------------------------------------------- 32.1°C/W
WDFN-14TL 3x2,
θJC ------------------------------------------------------------------------------------------------------ 6.3°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
CDM (Charged-Device Model) ------------------------------------------------------------------------------------------- 1kV
Recommended Operating Conditions
(Note 4)
VIN1,2, Input Voltage Range ---------------------------------------------------------------------------------------------- 0.8V to VDD
VDD, Charge Pump Input Voltage Range ------------------------------------------------------------------------------ 2.5V to 5.5V
VEN1,2, EN Voltage Range ------------------------------------------------------------------------------------------------ 0V to VDD
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 0.8V to 5.5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supplies and Currents
IOUT1 = IOUT2 = 0A
VDD Quiescent Current
(Both Channels)
IIN(VDD, ON)
VIN1,2 = VEN1,2 = VDD = 5V
--
75
115
A
IOUT1 = IOUT2 = 0A
VDD Quiescent Current
(Single Channel)
IIN(VDD, ON)
VIN1,2 = VEN1 = VDD = 5V,
VEN2 = GND
--
55
--
A
VDD Shutdown Current
IIN(VDD, OFF)
VEN1,2 = GND, VOUT1,2 = 0V
--
--
2
A
(VDD = 5V, VIN = 0.8V to VDD, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com