Electronic Components Datasheet Search
  English  ▼

X  

RT9745A Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9745A
Description  Low Resistance Load Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9745A Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9745A Datasheet HTML 7Page - Richtek Technology Corporation RT9745A Datasheet HTML 8Page - Richtek Technology Corporation RT9745A Datasheet HTML 9Page - Richtek Technology Corporation RT9745A Datasheet HTML 10Page - Richtek Technology Corporation RT9745A Datasheet HTML 11Page - Richtek Technology Corporation RT9745A Datasheet HTML 12Page - Richtek Technology Corporation RT9745A Datasheet HTML 13Page - Richtek Technology Corporation RT9745A Datasheet HTML 14Page - Richtek Technology Corporation RT9745A Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT9745A
11
DS9745A-00 August 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
On Time vs. VDD
600
700
800
900
1000
2.5
2.8 3.1
3.4
3.7
4
4.3
4.6
4.9 5.2
5.5
VDD (V)
VIN = 2.5V, CSS = 1nF
−40°C
25
°C
85
°C
On Rising Time vs. Input Voltage
0
200
400
600
800
1000
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Input Voltage (V)
VDD = 2.5V, CSS = 1nF
−40°C
25
°C
85
°C
On Time vs. Input Voltage
400
600
800
1000
1200
1400
1600
0.8 1.2 1.6
2 2.4 2.8 3.2 3.6
4 4.4 4.8 5.2 5.6
Input Voltage (V)
VDD = 5.5V, CSS = 1nF
−40°C
25
°C
85
°C
On Time vs. Input Voltage
400
500
600
700
800
900
1000
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Input Voltage (V)
VDD = 2.5V, CSS = 1nF
−40°C
25
°C
85
°C
Off Time vs. Input Voltage
0
30
60
90
120
150
0.8 1.2 1.6
2 2.4 2.8 3.2 3.6
4 4.4 4.8 5.2 5.6
Input Voltage (V)
VDD = 5.5V, CSS = 1nF
85
°C
25
°C
−40°C
Off Time vs. VDD
0
5
10
15
20
2.5
2.8 3.1
3.4 3.7
4
4.3 4.6
4.9 5.2
5.5
VDD (V)
VIN = 2.5V, CSS = 1nF
−40°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com