Electronic Components Datasheet Search
  English  ▼

X  

RT9745A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9745A
Description  Low Resistance Load Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9745A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9745A Datasheet HTML 1Page - Richtek Technology Corporation RT9745A Datasheet HTML 2Page - Richtek Technology Corporation RT9745A Datasheet HTML 3Page - Richtek Technology Corporation RT9745A Datasheet HTML 4Page - Richtek Technology Corporation RT9745A Datasheet HTML 5Page - Richtek Technology Corporation RT9745A Datasheet HTML 6Page - Richtek Technology Corporation RT9745A Datasheet HTML 7Page - Richtek Technology Corporation RT9745A Datasheet HTML 8Page - Richtek Technology Corporation RT9745A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT9745A
®
DS9745A-00 August 2014
www.richtek.com
1
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Dual Channel, Low Resistance Load Switch
General Description
The RT9745A is a small, low RON, dual channel load switch
with EN controlled pin. The product contains two N-
MOSFETs that can operate between an input voltage range
of 0.8V to 5.5V. Also, it supports a maximum continuous
current of 6A each channel. Each switch is independently
controlled by EN pins (EN1 and EN2), which can directly
interface with low-voltage control signals.
The RT9745A is available in the WDFN-14TL 3x2 package
with exposed pad for high power and heat dissipation.
Features
Integrated Dual Channel Load Switch
Input Voltage Range : 0.8V to 5.5V
Low RON Resistance

RON = 27m
Ω
Ω
Ω
Ω
Ω at VIN = 5V (VDD = 5V)

RON = 27m
Ω
Ω
Ω
Ω
Ω at VIN = 3.6V (VDD = 5V)

RON = 27m
Ω
Ω
Ω
Ω
Ω at VIN = 1.8V (VDD = 5V)
6A Maximum Continuous Switch Current Per
Channel
Low Quiescent Current

75
μμμμμA (Both Channels)

55
μμμμμA (Single Channel)
Low Control Input Threshold Enables Use of 1.4V/
1.8V/2.5V/3.3V Logics
Configurable Rise Time
Quick Output Discharge (QOD)
Adaptive Discharge Current
14T-Lead WDFN Package with Thermal Pad
Marking Information
0P : Product Code
W : Date Code
Applications
UltrabookTM
Notebooks/Netbooks
Tablet PC
Consumer Electronics
Set-Top Boxes/Residential Gateways
Telecom Systems
Solid State Drives (SSD)
RT9745A
COUT1
VOUT1
RL1
VOUT1
CSS1
CSS2
COUT2
VOUT2
RL2
VOUT2
Enable
Enable
CIN2
CIN1
SS1
SS2
GND
VIN2
EN2
VDD
EN1
VIN1
Dual Power
Supply
or
Dual DC/DC
Converter
RT9745A
Package Type
QW : WDFN-14TL 3x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
0PW


Similar Part No. - RT9745A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9740AGQW RICHTEK-RT9740AGQW Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
RT9741AGV RICHTEK-RT9741AGV Datasheet
230Kb / 11P
High-Side Power Switches
RT9741CGV RICHTEK-RT9741CGV Datasheet
230Kb / 11P
High-Side Power Switches
More results

Similar Description - RT9745A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
logo
Torex Semiconductor
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
On-Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com