Electronic Components Datasheet Search
  English  ▼

X  

RT9745A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9745A
Description  Low Resistance Load Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9745A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9745A Datasheet HTML 8Page - Richtek Technology Corporation RT9745A Datasheet HTML 9Page - Richtek Technology Corporation RT9745A Datasheet HTML 10Page - Richtek Technology Corporation RT9745A Datasheet HTML 11Page - Richtek Technology Corporation RT9745A Datasheet HTML 12Page - Richtek Technology Corporation RT9745A Datasheet HTML 13Page - Richtek Technology Corporation RT9745A Datasheet HTML 14Page - Richtek Technology Corporation RT9745A Datasheet HTML 15Page - Richtek Technology Corporation RT9745A Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT9745A
13
DS9745A-00 August 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (50
μs/Div)
Turn-Off Response Time
VIN = 2.5V, VDD = 2.5V,
CIN = 1
μF, COUT = 0.1μF, RL = 10Ω
EN1
(5V/Div)
VOUT2
(2V/Div)
EN2
(5V/Div)
VOUT1
(2V/Div)
Time (50
μs/Div)
Turn-Off Response Time
VIN = 5V, VDD = 5V,
CIN = 1
μF, COUT = 0.1μF, RL = 10Ω
EN1
(5V/Div)
VOUT2
(5V/Div)
EN2
(5V/Div)
VOUT1
(5V/Div)
Time (50
μs/Div)
Turn-Off Response Time
EN1
(5V/Div)
VOUT2
(500mV/Div)
EN2
(5V/Div)
VOUT1
(500mV/Div)
VIN = 0.8V, VDD = 5V,
CIN = 1
μF, COUT = 0.1μF, RL = 10Ω
Time (50
μs/Div)
Turn-Off Response Time
EN1
(5V/Div)
VOUT2
(500mV/Div)
EN2
(5V/Div)
VOUT1
(500mV/Div)
VIN = 0.8V, VDD = 2.5V,
CIN = 1
μF, COUT = 0.1μF, RL = 10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com