Electronic Components Datasheet Search
  English  ▼

X  

MRF137 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF137
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF137 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF137 Datasheet HTML 1Page - Tyco Electronics MRF137 Datasheet HTML 2Page - Tyco Electronics MRF137 Datasheet HTML 3Page - Tyco Electronics MRF137 Datasheet HTML 4Page - Tyco Electronics MRF137 Datasheet HTML 5Page - Tyco Electronics MRF137 Datasheet HTML 6Page - Tyco Electronics MRF137 Datasheet HTML 7Page - Tyco Electronics MRF137 Datasheet HTML 8Page - Tyco Electronics MRF137 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Input Power
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
Figure 7. Output Power versus Supply Voltage
50
40
30
20
10
0
0.5
0
Pin, INPUT POWER (WATTS)
1
1.5
2
150 MHz
f = 100 MHz
200 MHz
VDD = 28 V
IDQ = 25 mA
20
15
10
5
0
0
Pin, INPUT POWER (WATTS)
123
4
VDD = 13.5 V
IDQ = 25 mA
f = 100 MHz
150 MHz
200 MHz
40
30
20
10
0
2
0
Pin, INPUT POWER (WATTS)
46
8
10
f = 400 MHz
IDQ = 25 mA
VDD = 28 V
VDD = 13.5 V
50
40
30
20
10
0
16
12
VDD, SUPPLY VOLTAGE (VOLTS)
20
24
28
Pin = 1 W
IDQ = 25 mA
f = 100 MHz
0.25 W
0.5 W
50
40
30
20
10
0
16
12
VDD, SUPPLY VOLTAGE (VOLTS)
20
24
28
Pin = 1.5 W
0.75 W
0.5 W
IDQ = 25 mA
f = 150 MHz
50
40
30
20
10
0
16
12
VDD, SUPPLY VOLTAGE (VOLTS)
20
24
28
Pin = 2 W
1.5 W
0.75 W
IDQ = 25 mA
f = 200 MHz
3
REV 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com