Electronic Components Datasheet Search
  English  ▼

X  

MRF137 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF137
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF137 Datasheet(HTML) 7 Page - Tyco Electronics

  MRF137 Datasheet HTML 1Page - Tyco Electronics MRF137 Datasheet HTML 2Page - Tyco Electronics MRF137 Datasheet HTML 3Page - Tyco Electronics MRF137 Datasheet HTML 4Page - Tyco Electronics MRF137 Datasheet HTML 5Page - Tyco Electronics MRF137 Datasheet HTML 6Page - Tyco Electronics MRF137 Datasheet HTML 7Page - Tyco Electronics MRF137 Datasheet HTML 8Page - Tyco Electronics MRF137 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Figure 16. S11, Input Reflection Coefficient
versus Frequency
VDS = 28 V ID = 0.75 A
Figure 17. S12, Reverse Transmission Coefficient
versus Frequency
VDS = 28 V ID = 0.75 A
Figure 18. S21, Forward Transmission Coefficient
versus Frequency
VDS = 28 V ID = 0.75 A
Figure 19. S22, Output Reflection Coefficient
versus Frequency
VDS = 28 V ID = 0.75 A
+j50
+j100
+j150
+j250
+j500
-j500
-j250
-j150
-j100
-j50
-j25
-j10
0
+j10
+j25
+90°
+60°
+30°
0°
-30°
-60°
-90°
-120°
-150°
+150°
+120°
+j50
+j100
+j150
+j250
+j500
-j500
-j250
-j150
-j100
-j50
-j25
-j10
0
+j10
+j25
+90°
+60°
+30°
0°
-30°
-60°
-90°
-120°
-150°
180°
+150°
+120°
25
50
100 150
500
800
250
400
10
150
S11
.08
.06
.02
S12
600
800
.04
400
0.1
180°
f = 50 MHz
S22
f = 50 MHz
150
400
10
8
6
4
2
S21
25
50
100 150
500
800
250
f = 50 MHz
150
800
400
f = 50 MHz
7
REV 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com