Electronic Components Datasheet Search
  English  ▼

X  

MRF137 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF137
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF137 Datasheet(HTML) 6 Page - Tyco Electronics

  MRF137 Datasheet HTML 1Page - Tyco Electronics MRF137 Datasheet HTML 2Page - Tyco Electronics MRF137 Datasheet HTML 3Page - Tyco Electronics MRF137 Datasheet HTML 4Page - Tyco Electronics MRF137 Datasheet HTML 5Page - Tyco Electronics MRF137 Datasheet HTML 6Page - Tyco Electronics MRF137 Datasheet HTML 7Page - Tyco Electronics MRF137 Datasheet HTML 8Page - Tyco Electronics MRF137 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
f
S11
S21
S12
S22
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
2.0
0.977
–32
59.48
163
0.011
67
0.661
–36
5.0
0.919
–70
48.67
142
0.024
44
0.692
–78
10
0.852
–109
33.50
122
0.032
29
0.747
–117
20
0.817
–140
19.05
106
0.037
16
0.768
–146
30
0.814
–153
13.11
99
0.038
14
0.774
–157
40
0.811
–159
9.88
95
0.038
13
0.782
–162
50
0.812
–164
7.98
92
0.038
12
0.787
–165
60
0.813
–166
6.66
89
0.038
12
0.787
–168
70
0.815
–168
5.708
86
0.038
11
0.787
–169
80
0.816
–170
5.003
84
0.038
11
0.787
–170
90
0.817
–171
4.560
83
0.038
12
0.787
–171
100
0.817
–172
4.170
81
0.039
13
0.787
–172
110
0.818
–173
3.670
80
0.039
13
0.788
–172
120
0.820
–173
3.420
79
0.039
13
0.788
–173
130
0.821
–173
3.170
79
0.039
13
0.788
–173
140
0.822
–174
2.980
78
0.039
13
0.788
–173
150
0.823
–175
2.826
77
0.039
14
0.788
–173
160
0.824
–175
2.650
76
0.039
14
0.790
–174
170
0.825
–176
2.438
75
0.039
14
0.792
–174
180
0.827
–176
2.325
73
0.039
15
0.793
–174
190
0.829
–177
2.175
72
0.039
16
0.796
–174
200
0.831
–177
2.084
71
0.039
16
0.799
–174
225
0.836
–178
1.824
69
0.039
18
0.805
–174
250
0.846
–178
1.621
66
0.039
21
0.816
–174
275
0.853
–179
1.462
64
0.039
23
0.822
–174
300
0.853
–179
1.319
61
0.040
25
0.833
–174
325
0.856
–179
1.194
59
0.040
27
0.828
–174
350
0.857
+179
1.089
56
0.040
30
0.842
–174
375
0.861
+179
1.014
54
0.042
32
0.849
–174
400
0.865
+178
0.927
51
0.043
35
0.856
–174
425
0.875
+178
0.876
49
0.045
37
0.866
–174
450
0.881
+178
0.810
46
0.046
40
0.870
–174
475
0.886
+177
0.755
44
0.046
43
0.875
–174
500
0.887
+177
0.694
41
0.051
43
0.888
–174
525
0.888
+176
0.677
39
0.052
43
0.890
–174
550
0.896
+176
0.625
36
0.055
45
0.898
–174
575
0.907
+175
0.603
34
0.058
45
0.913
–174
600
0.910
+175
0.585
32
0.061
45
0.918
–174
625
0.910
+174
0.563
30
0.065
45
0.945
–174
650
0.920
+174
0.543
28
0.069
46
0.952
–174
675
0.938
+173
0.533
26
0.074
47
0.974
–174
700
0.943
+171
0.515
24
0.078
47
0.958
–176
725
0.934
+170
0.491
22
0.079
46
0.953
–177
750
0.940
+170
0.475
22
0.084
48
0.943
–177
775
0.953
+169
0.477
21
0.090
48
0.957
–177
800
0.959
+168
0.467
17
0.093
48
0.957
–179
Table 1. Common Source Scattering Parameters
50
Ω System
VDS = 28 V, ID = 0.75 A
6
REV 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com