Electronic Components Datasheet Search
  English  ▼

X  

MRF137 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF137
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF137 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF137 Datasheet HTML 1Page - Tyco Electronics MRF137 Datasheet HTML 2Page - Tyco Electronics MRF137 Datasheet HTML 3Page - Tyco Electronics MRF137 Datasheet HTML 4Page - Tyco Electronics MRF137 Datasheet HTML 5Page - Tyco Electronics MRF137 Datasheet HTML 6Page - Tyco Electronics MRF137 Datasheet HTML 7Page - Tyco Electronics MRF137 Datasheet HTML 8Page - Tyco Electronics MRF137 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 8. Output Power versus Supply Voltage
Figure 9. Output Power versus Gate Voltage
Figure 10. Drain Current versus Gate Voltage
(Transfer Characteristics)
Figure 11. Gate Source Voltage versus
Case Temperature
Figure 12. Capacitance versus
Drain–Source Voltage
Figure 13. DC Safe Operating Area
50
40
30
20
10
0
16
12
VDD, SUPPLY VOLTAGE (VOLTS)
20
24
28
Pin = 8 W
IDQ = 25 mA
f = 400 MHz
5 W
2 W
30
25
20
15
10
0
-9
VGS, GATE-SOURCE VOLTAGE (VOLTS)
5
-8
-6
-4
-2
0
1
2
3
400 MHz
150 MHz
VDD = 28 V
IDQ = 25 mA
Pin = CONSTANT
TYPICAL DEVICE SHOWN,
VGS(th) = 3 V
3
VGS, GATE-SOURCE VOLTAGE (VOLTS)
12
3
4
56
7
VDS = 10 V
0
2
1
TYPICAL DEVICE SHOWN,
VGS(th) = 3 V
1.02
-25
TC, CASE TEMPERATURE (°C)
0
25
50
75
100
125
150
1
0.98
0.96
0.94
0.92
VDS = 28 V
175
ID = 1.25 A
1 A
750 mA
500 mA
200 mA
25 mA
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
200
4
8
12
16
20
24
28
VGS = 0 V
f = 1 MHz
Coss
Ciss
Crss
180
160
140
120
100
80
60
40
20
0
0
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
1
10
2
0.1
5
10
20
60
100
TC = 25°C
5
2
1
0.5
4
REV 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com