Electronic Components Datasheet Search
  English  ▼

X  

MRF151 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF151
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF151 Datasheet HTML 1Page - Tyco Electronics MRF151 Datasheet HTML 2Page - Tyco Electronics MRF151 Datasheet HTML 3Page - Tyco Electronics MRF151 Datasheet HTML 4Page - Tyco Electronics MRF151 Datasheet HTML 5Page - Tyco Electronics MRF151 Datasheet HTML 6Page - Tyco Electronics MRF151 Datasheet HTML 7Page - Tyco Electronics MRF151 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Figure 2. 175 MHz Test Circuit
Figure 3. Capacitance versus
Drain–Source Voltage
TYPICAL CHARACTERISTICS
Figure 4. Gate–Source Voltage versus
Case Temperature
BIAS
0–12 V
C1
C7
C9
C11
+50 V
L2
D.U.T.
L1
R2
L4
RF INPUT
C8
+
RF OUTPUT
R1
C4
C5
C2
C3
+
C6
C10
L3
RFC2
1000
500
200
100
50
0
20
0
1020
304050
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
1.04
0.9
– 25
0
25
50
75
100
TC, CASE TEMPERATURE (°C)
1.03
1.02
1.01
1
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
Ciss
Coss
Crss
1D = 5 A
4 A
2 A
1 A
250 mA
100 mA
C1, C2, C8 — Arco 463 or equivalent
C3 — 25 pF, Unelco
C4 — 0.1
µF, Ceramic
C5 — 1.0
µF, 15 WV Tantalum
C6 — 15 pF, Unelco J101
C7 — 25 pF, Unelco J101
C9 — Arco 262 or equivalent
C10 — 0.05
µF, Ceramic
C11 — 15
µF, 60 WV Electrolytic
D1 — 1N5347 Zener Diode
L1 — 3/4
″, #18 AWG into Hairpin
L2 — Printed Line, 0.200
″ x 0.500″
L3 — 1
″, #16 AWG into Hairpin
L4 — 2 Turns, #16 AWG, 5/16 ID
RFC1 — 5.6
µH, Choke
RFC2 — VK200–4B
R1 — 150
Ω, 1.0 W Carbon
R2 — 10 k
Ω, 1/2 W Carbon
R3 — 120
Ω, 1/2 W Carbon
Board Material — 0.062
″ Fiberglass (G10),
1 oz. Copper Clad, 2 Sides,
εr = 5.0
R3
3
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com