Electronic Components Datasheet Search
  English  ▼

X  

MRF151 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF151
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF151 Datasheet HTML 1Page - Tyco Electronics MRF151 Datasheet HTML 2Page - Tyco Electronics MRF151 Datasheet HTML 3Page - Tyco Electronics MRF151 Datasheet HTML 4Page - Tyco Electronics MRF151 Datasheet HTML 5Page - Tyco Electronics MRF151 Datasheet HTML 6Page - Tyco Electronics MRF151 Datasheet HTML 7Page - Tyco Electronics MRF151 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 5. DC Safe Operating Area
Figure 6. Common Source Unity Gain Frequency
versus Drain Current
Figure 7. Power Gain versus Frequency
Figure 8. Output Power versus Input Power
Figure 9. IMD versus Pout
100
10
1
2
20
200
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
2000
0
0
4
8
12
16
20
ID, DRAIN CURRENT (AMPS)
1000
VDS = 30 V
2
6
10
14
18
VDS = 15 V
TC = 25°C
30
5
2
5
10
30
100
200
f, FREQUENCY (MHz)
VDD = 50 V
IDQ = 250 mA
Pout = 150 W
25
20
15
10
300
0
01
234
5
Pin, INPUT POWER (WATTS)
200
100
0
0
5
10
15
20
25
300
200
100
f = 30 MHz
IDQ = 250 mA
f = 175 MHz
IDQ = 250 mA
VDD = 50 V
VDD = 50 V
40 V
25
55
0
40
80
120
160
200
Pout, OUTPUT POWER (WATTS PEP)
35
45
55
25
35
45
IDQ = 250 mA
IDQ = 500 mA
d3
d5
d3
d5
20
60
100
140
180
VDD = 50 V, f = 30 MHz, TONE SEPARATION = 1 kHz
TYPICAL CHARACTERISTICS
4
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com