Electronic Components Datasheet Search
  English  ▼

X  

MRF151 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF151
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151 Datasheet(HTML) 6 Page - Tyco Electronics

  MRF151 Datasheet HTML 1Page - Tyco Electronics MRF151 Datasheet HTML 2Page - Tyco Electronics MRF151 Datasheet HTML 3Page - Tyco Electronics MRF151 Datasheet HTML 4Page - Tyco Electronics MRF151 Datasheet HTML 5Page - Tyco Electronics MRF151 Datasheet HTML 6Page - Tyco Electronics MRF151 Datasheet HTML 7Page - Tyco Electronics MRF151 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Table 1. Common Source S–Parameters (VDS = 50 V, ID = 2 A) continued
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
250
0.972
177
0.51
12
0.039
80
0.935
179
260
0.973
177
0.47
11
0.041
79
0.954
178
270
0.972
176
0.45
9
0.044
80
0.953
176
280
0.974
176
0.41
9
0.046
80
0.965
175
290
0.974
176
0.40
6
0.046
79
0.944
175
300
0.975
176
0.39
10
0.048
82
0.929
176
310
0.976
175
0.36
9
0.049
82
0.943
176
320
0.974
175
0.33
7
0.053
78
0.954
173
330
0.975
174
0.31
4
0.056
78
0.935
172
340
0.976
174
0.30
10
0.056
77
0.948
172
350
0.975
174
0.29
7
0.058
80
0.950
174
360
0.977
174
0.28
8
0.059
79
0.978
172
370
0.976
173
0.26
8
0.061
76
0.981
170
380
0.976
173
0.26
7
0.065
75
0.944
171
390
0.977
173
0.24
10
0.066
76
0.960
171
400
0.976
172
0.23
7
0.068
80
0.955
173
410
0.976
172
0.22
9
0.071
77
0.999
170
420
0.977
172
0.21
9
0.071
76
0.962
168
430
0.976
171
0.19
10
0.073
76
0.950
168
440
0.976
171
0.20
12
0.075
75
0.953
168
450
0.978
171
0.19
10
0.080
77
0.982
168
460
0.978
170
0.18
13
0.082
74
0.990
165
470
0.978
170
0.18
10
0.081
77
0.953
168
480
0.974
170
0.18
13
0.085
78
0.944
167
490
0.973
169
0.17
13
0.086
75
0.966
165
500
0.972
169
0.17
14
0.089
73
0.980
165
6
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com