Electronic Components Datasheet Search
  English  ▼

X  

MRF151 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF151
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151 Datasheet(HTML) 5 Page - Tyco Electronics

  MRF151 Datasheet HTML 1Page - Tyco Electronics MRF151 Datasheet HTML 2Page - Tyco Electronics MRF151 Datasheet HTML 3Page - Tyco Electronics MRF151 Datasheet HTML 4Page - Tyco Electronics MRF151 Datasheet HTML 5Page - Tyco Electronics MRF151 Datasheet HTML 6Page - Tyco Electronics MRF151 Datasheet HTML 7Page - Tyco Electronics MRF151 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 10. Series Equivalent Impedance
150
30
7.5
4
2
ZOL*
Zin
15
f = 175 MHz
100
30
15
7.5
Zo = 10 Ω
VDD = 50 V
IDQ = 250 mA
Pout = 150 W
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
f = 175 MHz
150
100
4
2
NOTE: Gate Shunted by 25 Ohms.
Table 1. Common Source S–Parameters (VDS = 50 V, ID = 2 A)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.877
–174
10.10
77
0.008
19
0.707
–169
40
0.886
–175
7.47
69
0.009
24
0.715
–172
50
0.895
–175
5.76
63
0.008
33
0.756
–171
60
0.902
–176
4.73
58
0.009
39
0.764
–171
70
0.912
–176
3.86
52
0.009
46
0.784
–172
80
0.918
–177
3.19
48
0.010
54
0.802
–171
90
0.925
–177
2.69
45
0.011
62
0.808
–171
100
0.932
–177
2.34
40
0.013
67
0.850
–173
110
0.936
–178
2.06
37
0.014
72
0.865
–175
120
0.942
–178
1.77
35
0.015
76
0.875
–173
130
0.946
–179
1.55
32
0.017
77
0.874
–172
140
0.950
–179
1.39
30
0.019
77
0.884
–174
150
0.954
–180
1.23
27
0.021
78
0.909
–175
160
0.957
–180
1.13
24
0.023
79
0.911
–176
170
0.960
180
1.01
22
0.024
82
0.904
–177
180
0.962
179
0.90
20
0.026
82
0.931
–176
190
0.964
179
0.84
19
0.028
80
0.929
–178
200
0.967
179
0.75
18
0.030
79
0.922
–179
210
0.967
178
0.71
16
0.032
80
0.937
–180
220
0.969
178
0.67
14
0.035
82
0.949
180
230
0.971
178
0.60
12
0.038
81
0.950
179
240
0.970
177
0.57
12
0.037
80
0.950
179
5
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com