Electronic Components Datasheet Search
  English  ▼

X  

RFUV1703 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFUV1703
Description  21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1703 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFUV1703 Datasheet HTML 6Page - RF Micro Devices RFUV1703 Datasheet HTML 7Page - RF Micro Devices RFUV1703 Datasheet HTML 8Page - RF Micro Devices RFUV1703 Datasheet HTML 9Page - RF Micro Devices RFUV1703 Datasheet HTML 10Page - RF Micro Devices RFUV1703 Datasheet HTML 11Page - RF Micro Devices RFUV1703 Datasheet HTML 12Page - RF Micro Devices RFUV1703 Datasheet HTML 13Page - RF Micro Devices RFUV1703 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RFUV1703
DS130313
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Using Single Control on VG1 = VG2 (without IQ bias)_3
VMPA = 4.5V, VLPA12 = 3.5V, VLOA1 = VLOA2 = 4V, VC1 = VC2 = -4V
VG1 and VG2 are connected together off chip and changes over (-0.3V to -1V)
20.0
15.0
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27
218
226
239
253
270
290
309
331
352
375
399
424
448
473
499
RF Frequency (GHz)
USB Conversion Gain versus RF Frequency
With (V
G1 + VG2) Variation
I_Total (mA)
15.0
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27
218
226
239
253
270
290
309
331
352
375
399
424
448
473
499
RF Frequency (GHz)
USB OIP3 versus RF Frequency
With (V
G1 + VG2) Variation
I_Total (mA)
40
35
30
25
20
15
10
5
0
5
18.7
19.3
20
20.6
21.3
21.9
22.6
23.2
23.9
24.5
218
226
239
253
270
290
309
331
352
375
399
424
448
473
499
X2 LO Frequency (GHz)
USB X2 LO Leakage versus X2 LO Frequency
With (V
G1 + VG2) Variation No IQ BIAS
I_Total (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com