Electronic Components Datasheet Search
  English  ▼

X  

RFUV1703 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFUV1703
Description  21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1703 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFUV1703 Datasheet HTML 6Page - RF Micro Devices RFUV1703 Datasheet HTML 7Page - RF Micro Devices RFUV1703 Datasheet HTML 8Page - RF Micro Devices RFUV1703 Datasheet HTML 9Page - RF Micro Devices RFUV1703 Datasheet HTML 10Page - RF Micro Devices RFUV1703 Datasheet HTML 11Page - RF Micro Devices RFUV1703 Datasheet HTML 12Page - RF Micro Devices RFUV1703 Datasheet HTML 13Page - RF Micro Devices RFUV1703 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RFUV1703
DS130313
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Application Circuit Block Diagram
2*LO - IF = RF (LSB), LO = 10.5 to 15.25GHz
2*LO + IF = RF (USB), LO = 8.5GHz to 13.25GHz
Notes:
1. External components for IQ biases are required.
2. External hybrid coupler is required.
PACKAGE
GND
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
90
0
x2
IF IN
200pF
Q bias
200pF
I bias
100 nH
100 nH
100pF
100nF
Vg1
1uF
RF OUT
100pF
100nF
1uF
100pF
100nF
1uF
100pF
100nF
1uF
VLOA2
100pF
100nF
1uF
100pF
100nF
1uF
100pF
100nF
1uF
VC1
VC2
Vg2
LO IN
100pF
100nF
1uF
VLOA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com