Electronic Components Datasheet Search
  English  ▼

X  

RFUV1703 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFUV1703
Description  21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1703 Datasheet(HTML) 2 Page - RF Micro Devices

  RFUV1703 Datasheet HTML 1Page - RF Micro Devices RFUV1703 Datasheet HTML 2Page - RF Micro Devices RFUV1703 Datasheet HTML 3Page - RF Micro Devices RFUV1703 Datasheet HTML 4Page - RF Micro Devices RFUV1703 Datasheet HTML 5Page - RF Micro Devices RFUV1703 Datasheet HTML 6Page - RF Micro Devices RFUV1703 Datasheet HTML 7Page - RF Micro Devices RFUV1703 Datasheet HTML 8Page - RF Micro Devices RFUV1703 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RFUV1703
DS130313
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
LPA Drain Voltage VD
6
V
LOA Drain Voltage
6
V
IF Input Power
15
dBm
LO Input Power
15
dBm
TOPER
-55 to +85
C
TSTOR
-65 to +150
C
ESD Human Body Model
Class 1A
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Frequency
21
26.5
GHz
LO Frequency (LSB)
10.5
15.25
GHz
LO Frequency (USB)
8.5
13.25
GHz
IF Frequency
DC
4.0
GHz
LO input Drive
0
dBm
Conversion Gain (Max.)
21
dB
Conversion Gain (Min.)
-10
dB
NF (Max. Gain)
12
dB
OIP3 (Max. Gain)
27
dBm
Image Rejection
15
dBc
LO Leakage at RF-Port (Max. Gain)
-5
dBm
With IQ bias
LO Return Loss
10
dB
RF Return Loss
10
dB
VLOA
4
V
VLPA
3.5
V
VMPA
4.5
V
ILOA
205
mA
ILPA12
120
mA
IMPA
120
mA
ITOTAL
445
mA
VC1,VC2
-4
0
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com