Electronic Components Datasheet Search
  English  ▼

X  

RFUV1703 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFUV1703
Description  21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1703 Datasheet(HTML) 1 Page - RF Micro Devices

  RFUV1703 Datasheet HTML 1Page - RF Micro Devices RFUV1703 Datasheet HTML 2Page - RF Micro Devices RFUV1703 Datasheet HTML 3Page - RF Micro Devices RFUV1703 Datasheet HTML 4Page - RF Micro Devices RFUV1703 Datasheet HTML 5Page - RF Micro Devices RFUV1703 Datasheet HTML 6Page - RF Micro Devices RFUV1703 Datasheet HTML 7Page - RF Micro Devices RFUV1703 Datasheet HTML 8Page - RF Micro Devices RFUV1703 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
PACKAGE
GND
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
90
0
N/C
GND
LOIN
GND
N/C
N/C
N/C
N/C
VLOA1 VLOA2 N/C N/C
Vc1 Vc2
Vg2 VMPA
N/C GND
I
N/C GND
Q
N/C Vg1
VLPA12
N/C
N/C
N/C
GND
RFOUT
GND
N/C
x2
RFUV1703
21GHz TO 26.5GHz GaAs MMIC IQ
UPCONVERTER
RFMD's RFUV1703 is a 21GHz to 26.5GHz GaAs pHEMT upconverter, incorporating
an integrated doubler, LO buffer amplifier, a balanced single sideband (image rejec-
tion) mixer followed by Variable Gain Amplifier, DC decoupling capacitors. The com-
bination of high performance part and low-cost packaging makes the RFUV1703 a
cost effective solution, ideally suited to both current and next generation point-to-
point and VSAT applications. RFUV1703 is packaged in a 5mm x 5mm QFN to sim-
plify both system level board design and volume assembly.
Features
RF Frequency: 21GHz to
26.5GHz
LO Frequency (LSB): 10.5GHz
to 15.2GHz
LO Frequency (USB): 8.5GHz
to 13.25GHz
IF Frequency: DC to 4GHz
Conversion Gain (Max): 21dB
Conversion Gain (Min): -10dB
NF (Max. Gain): 12dB
OIP3 (Max. Gain): +27dBm
Image Rejection: 15dBc
Applications
Point-to-Point
VSAT
DS130313
Package: QFN, 32-Pin, 5mm x 5mm x 0.95mm
RFUV1703
RFUV1703S2
2-Piece Sample Bag
RFUV1703SB
5-Piece Bag
RFUV1703SQ
25-Piece Bag
RFUV1703SR
100 Pieces on 7” reel
RFUV1703TR7
750 Pieces on 7” reel
RFUV1703PCBA-410
Evaluation Board


Similar Part No. - RFUV1703

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFUV1703 QORVO-RFUV1703 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703PCBA-410 QORVO-RFUV1703PCBA-410 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703S2 QORVO-RFUV1703S2 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703SB QORVO-RFUV1703SB Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
RFUV1703SQ QORVO-RFUV1703SQ Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
More results

Similar Description - RFUV1703

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
logo
Marki Microwave
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
Passive GaAs MMIC IQ Mixer
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com