Electronic Components Datasheet Search
  English  ▼

X  

MRF166W Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF166W
Description  TMOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166W Datasheet(HTML) 1 Page - Tyco Electronics

  MRF166W Datasheet HTML 1Page - Tyco Electronics MRF166W Datasheet HTML 2Page - Tyco Electronics MRF166W Datasheet HTML 3Page - Tyco Electronics MRF166W Datasheet HTML 4Page - Tyco Electronics MRF166W Datasheet HTML 5Page - Tyco Electronics MRF166W Datasheet HTML 6Page - Tyco Electronics MRF166W Datasheet HTML 7Page - Tyco Electronics MRF166W Datasheet HTML 8Page - Tyco Electronics MRF166W Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The RF MOSFET Line
Power Field Effect Transistor
N–Channel Enhancement–Mode MOSFET
Designed primarily for wideband large–signal output and driver stages to
30 – 500 MHz.
• Push–Pull Configuration Reduces Even Numbered Harmonics
• Guaranteed Performance at 500 MHz, 28 Vdc
Output Power = 40 Watts
Gain = 14 dB
Efficiency = 50%
• Typical Performance at 175 MHz, 28 Vdc
Output Power = 40 Watts
Gain = 17 dB
Efficiency = 60%
• Excellent Thermal Stability, Ideally Suited for Class A Operation
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR
• Low Crss — 4.0 pF @ VDS = 28 Volts
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Gate Voltage
VDSS
65
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
65
Vdc
Gate–Source Voltage
VGS
± 20
Adc
Drain Current — Continuous
ID
8.0
ADC
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
175
1.0
Watts
°C/W
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case
R
θJC
1.0
°C/W
NOTE — CAUTION — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF166W
40 W, 500 MHz
TMOS BROADBAND
RF POWER FET
CASE 412–01, Style 1
FLANGE
1
5
2
3
4
Order this document
by MRF166W/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 3


Similar Part No. - MRF166W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF166W MOTOROLA-MRF166W Datasheet
134Kb / 6P
TMOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF166W MA-COM-MRF166W_15 Datasheet
567Kb / 11P
The RF MOSFET Line
More results

Similar Description - MRF166W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
MRF166W MOTOROLA-MRF166W Datasheet
134Kb / 6P
TMOS BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
TMOS BROADBAND RF POWER FET
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com