Electronic Components Datasheet Search
  English  ▼

X  

MRF166W Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF166W
Description  TMOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166W Datasheet(HTML) 4 Page - Tyco Electronics

  MRF166W Datasheet HTML 1Page - Tyco Electronics MRF166W Datasheet HTML 2Page - Tyco Electronics MRF166W Datasheet HTML 3Page - Tyco Electronics MRF166W Datasheet HTML 4Page - Tyco Electronics MRF166W Datasheet HTML 5Page - Tyco Electronics MRF166W Datasheet HTML 6Page - Tyco Electronics MRF166W Datasheet HTML 7Page - Tyco Electronics MRF166W Datasheet HTML 8Page - Tyco Electronics MRF166W Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VDS, GATE–SOURCE VOLTAGE (VOLTS)
Pin, INPUT POWER (WATTS)
0
1
1.5
2
3
60
0
Figure 2. Output Power versus Input Power, 28 Vdc
40
30
15
10
0
0.4
1.2
2
24
0
Figure 3. Output Power versus Input Power, 13.5
Vdc
2.4
2.8
0.8
1.6
12
4
VDD, SUPPLY VOLTAGE (VOLTS)
12
56
8
Figure 4. Output Power versus Supply Voltage
14
36
28
20
16
–5
–4
–2
0
0
Figure 5. Output Power versus Gate Voltage
1
–3
–1
45
35
20
10
5
15
25
30
40
12
24
32
20
16
8
45
25
20
35
VDD = 28 Vdc
IDQ = 100 mA
2
5
0.5
2.5
f = 500 MHz
50
55
VDD = 13.5 Vdc
IDQ = 100 mA
f = 500 MHz
40
48
44
52
16
18
20
22
24
26
28
IDQ = 100 mA
f = 500 MHz
Pin = 2 W
Pin = 1 W
Pin = 0.5 W
3
VDD = 28 Vdc
IDQ = 100 mA
f = 500 MHz
TYPICAL DEVICE SHOWN
VGS(th) = 3.0 V
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
0
4
12
20
100
0
Figure 6. Capacitance versus Voltage
24
816
90
70
40
20
10
30
50
60
80
Coss
Ciss
VGS = 0 V
f = 1.0 MHz
Crss
28
Pin, INPUT POWER (WATTS)
4
REV 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com