Electronic Components Datasheet Search
  English  ▼

X  

MRF166W Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF166W
Description  TMOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166W Datasheet(HTML) 7 Page - Tyco Electronics

Back Button MRF166W Datasheet HTML 2Page - Tyco Electronics MRF166W Datasheet HTML 3Page - Tyco Electronics MRF166W Datasheet HTML 4Page - Tyco Electronics MRF166W Datasheet HTML 5Page - Tyco Electronics MRF166W Datasheet HTML 6Page - Tyco Electronics MRF166W Datasheet HTML 7Page - Tyco Electronics MRF166W Datasheet HTML 8Page - Tyco Electronics MRF166W Datasheet HTML 9Page - Tyco Electronics MRF166W Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Table 1. Common Source S–Parameters (VDS = 24 V, ID = 230 mA)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.554
–85
20.30
128
0.044
28
0.628
–121
40
0.775
–113
20.00
113
0.040
26
0.632
–123
50
0.758
–124
17.50
107
0.041
20
0.652
–135
60
0.711
–132
14.60
100
0.050
20
0.570
–135
70
0.751
–139
12.70
100
0.042
11
0.666
–145
80
0.742
–143
11.30
95
0.043
9
0.666
–149
90
0.724
–146
10.00
92
0.042
8
0.657
–151
100
0.730
–149
8.97
90
0.042
6
0.663
–154
110
0.735
–151
8.29
87
0.043
3
0.683
–156
120
0.732
–153
7.53
84
0.042
2
0.666
–158
130
0.734
–155
7.01
83
0.042
1
0.688
–159
140
0.740
–156
6.57
81
0.043
0
0.701
–160
150
0.747
–157
6.01
78
0.042
–2
0.688
–162
160
0.748
–159
5.66
76
0.041
–4
0.715
–162
170
0.741
–160
5.22
76
0.040
–4
0.690
–161
180
0.746
–160
4.94
74
0.041
–4
0.719
–164
190
0.753
–161
4.67
73
0.041
–6
0.725
–165
200
0.756
–162
4.51
70
0.040
–7
0.729
–166
210
0.755
–162
4.15
69
0.039
–8
0.727
–165
220
0.759
–163
3.91
68
0.039
–8
0.724
–166
230
0.767
–163
3.75
65
0.039
–10
0.751
–169
240
0.769
–164
3.56
64
0.038
–12
0.733
–167
250
0.766
–164
3.41
63
0.037
–12
0.726
–167
260
0.767
–165
3.26
63
0.035
–10
0.725
–167
270
0.773
–165
3.07
61
0.035
–10
0.725
–167
280
0.777
–165
3.03
61
0.035
–11
0.753
–167
290
0.777
–166
2.89
58
0.034
–13
0.732
–169
300
0.782
–166
2.80
57
0.034
–11
0.744
–169
310
0.788
–166
2.66
57
0.034
–12
0.764
–169
320
0.794
–167
2.54
55
0.033
–12
0.760
–167
330
0.796
–167
2.47
54
0.032
–13
0.787
–169
340
0.795
–168
2.38
54
0.031
–13
0.753
–170
350
0.799
–168
2.27
52
0.030
–11
0.772
–168
360
0.804
–168
2.17
51
0.030
–11
0.782
–169
370
0.805
–168
2.15
50
0.030
–11
0.796
–169
380
0.807
–169
2.06
48
0.029
–12
0.782
–170
390
0.812
–169
2.00
48
0.028
–12
0.796
–170
400
0.818
–170
1.91
47
0.027
–10
0.784
–168
410
0.821
–170
1.86
46
0.029
–11
0.830
–170
420
0.821
–170
1.83
44
0.028
–11
0.823
–171
430
0.822
–171
1.74
44
0.026
–9
0.791
–170
440
0.826
–171
1.67
43
0.025
–7
0.788
–170
7
REV 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com