Electronic Components Datasheet Search
  English  ▼

X  

MRF166W Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF166W
Description  TMOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166W Datasheet(HTML) 3 Page - Tyco Electronics

  MRF166W Datasheet HTML 1Page - Tyco Electronics MRF166W Datasheet HTML 2Page - Tyco Electronics MRF166W Datasheet HTML 3Page - Tyco Electronics MRF166W Datasheet HTML 4Page - Tyco Electronics MRF166W Datasheet HTML 5Page - Tyco Electronics MRF166W Datasheet HTML 6Page - Tyco Electronics MRF166W Datasheet HTML 7Page - Tyco Electronics MRF166W Datasheet HTML 8Page - Tyco Electronics MRF166W Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF INPUT
C1
C3
L2
C4
D.U.T.
C2
B1
C10
BIAS SUPPLY
R1
R2
R3
R4
C11
L1
C5
C6
680 mils
Output Lines
70 mils x 2380 mils
C3
C4
Inputs Line
70 mils x 2460 mils
490 mils
C9
RF OUTPUT
C8
C6
C5
C7
B2
VDD = 28 Vdc
C13
C12
C14
+
–
Figure 1. MRF166W 500 MHz Test Circuit Schematic
C1, C2, C7, C8
220 pF, 100 mil Chip Capacitor, ATC
C3, C6
0 – 10 pF, Johanson
C4
27 pF, 100 mil Chip Capacitor, ATC
C5
22 pF, 100 mil Chip Capacitor, ATC
C9, C10, C11, C12
0.01
µF Blue Capacitor
C13
470 pF, 100 mil Chip Capacitor, ATC
C14
50
mF, 50 V Electrolytic Capacitor
L1, L2
8 Turns #20 AWG, 0.100 mils ID
B1, B2
6
″ long, ID = 550 mils, 50 W Semi–Rigid Coax
R1
1.0 k
W 1/2 Watt
R2
10 k
W 1/2 Watt
R3, R4
45
W 1/2 Watt
Board Material – Teflon® Fiberglass
Dielectric Thickness = 0.30
″, εr = 2.55 Copper Clad, 2.0 oz. Copper
3
REV 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com