Electronic Components Datasheet Search
  English  ▼

X  

RF1236 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF1236
Description  BROADBAND MEDIUM POWER DIFFERENTIAL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1236 Datasheet(HTML) 3 Page - RF Micro Devices

  RF1236 Datasheet HTML 1Page - RF Micro Devices RF1236 Datasheet HTML 2Page - RF Micro Devices RF1236 Datasheet HTML 3Page - RF Micro Devices RF1236 Datasheet HTML 4Page - RF Micro Devices RF1236 Datasheet HTML 5Page - RF Micro Devices RF1236 Datasheet HTML 6Page - RF Micro Devices RF1236 Datasheet HTML 7Page - RF Micro Devices RF1236 Datasheet HTML 8Page - RF Micro Devices RF1236 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF1236
DS110418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - Vcontrol_high=3V
(continued)
V1, V2, V3=High=3.0V,
V1, V2, V3=Low=0V. Temp=25°C.
IIP2
RF1, RF2, RF3-COM (Cell)
103
dBm
Tone 1: 836.5MHz at 16dBm, Tone 2:
1718MHz at -20dBm, Receive Freq: 881.5MHz
RF1, RF2, RF3-COM (AWS)
100
dBm
Tone 1: 1732.5MHz at 16dBm, Tone 2:
3865MHz at -20dBm, Receive Freq:
2132.5MHz
RF2, RF3-COM (PCS)
100
dBm
Tone 1: 1880MHz at 16dBm, Tone 2:
3840MHz at -20dBm, Receive Freq:
1960MHzRF1,
IIP3
RF1, RF2, RF3-COM (Cell)
68
dBm
Tone 1: 836.5MHz at 16dBm, Tone 2:
791.5MHz at -20dBm, Receive Freq:
881.5MHz
RF1, RF2, RF3-COM (IMT)
66
dBm
Tone 1: 1950MHz at 16dBm, Tone 2:
1760MHz at -20dBm, Receive Freq: 2140MHz
IP0.1 dB
26
dBm
Switching Speed
0.27
s
50% control to 90% RFON
0.40
s
50% control to 10% RFOFF
Overall - Vcontrol_low=1.8V
V1, V2, V3=High=1.8V,
V1, V2, V3=Low=0V. Temp=25°C.
Operating Frequency
600
3500
MHz
Insertion Loss
COM_P - RF1P, RF2P, RF3P
COM_N - RF1N, RF2N, RF3N
0.30
0.45
dB
RF ON, 824MHz to 960MHz
0.57
0.73
dB
RF ON, 1850Mhz to 1990MHz
0.65
1.2
dB
RF ON, 2170MHz to 2500MHz
0.75
1.35
dB
RF ON, 2500MHz to 3500MHz
Isolation
RF1P - RF2P, RF3P
RF1N - RF2N, RF3N
25
27
dB
RF ON, 824MHz to 960MHz
19.5
21.0
dB
RF ON, 1850MHz to 1990MHz
18
19
dB
RF ON, 2170MHz to 2500MHz
15.5
17.5
dB
RF ON, 2500MHz to 3500MHz
COM_P - RF1P, RF2P, RF3P
COM_N - RF1N, RF2N, RF3N
25.0
26.5
dB
RF ON, 824MHz to 960MHz
19.0
20.5
dB
RF ON, 1850MHz to 1990MHz
18
19
dB
RF ON, 2170MHz to 2500MHz
15.0
17.5
dB
RF ON, 2500MHz to 3500MHz
RF Port Return Loss
1.5:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com