Electronic Components Datasheet Search
  English  ▼

X  

RF1236 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF1236
Description  BROADBAND MEDIUM POWER DIFFERENTIAL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1236 Datasheet(HTML) 8 Page - RF Micro Devices

  RF1236 Datasheet HTML 1Page - RF Micro Devices RF1236 Datasheet HTML 2Page - RF Micro Devices RF1236 Datasheet HTML 3Page - RF Micro Devices RF1236 Datasheet HTML 4Page - RF Micro Devices RF1236 Datasheet HTML 5Page - RF Micro Devices RF1236 Datasheet HTML 6Page - RF Micro Devices RF1236 Datasheet HTML 7Page - RF Micro Devices RF1236 Datasheet HTML 8Page - RF Micro Devices RF1236 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RF1236
DS110418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance
-50
-40
-30
-20
-10
0
400 600 800 10001200 14001600180020002200 2400260028003000
Isolation (dB)
Frequency (MHz)
Isolation
(Temp=25°C,VRF=1.8V)
-50
-40
-30
-20
-10
0
400 600 800 10001200 14001600180020002200 2400260028003000
Isolation (dB)
Frequency (MHz)
Isolation
(Temp=25°C,VRF=2.35V)
-50
-40
-30
-20
-10
0
400 600 800 10001200 14001600180020002200 2400260028003000
Return
Loss (dB)
Frequency (MHz)
Ant Port Return Loss
(Temp=25°C,VRF=1.8V)
1.8vRF1_N
1.8vRF1_P
1.8vRF2_N
1.8vRF2_P
1.8vRF3_N
1.8vRF3_P
-50
-40
-30
-20
-10
0
400 600 800 10001200 14001600180020002200 2400260028003000
Return
Loss (dB)
Frequency (MHz)
Ant Port Return Loss
(Temp=25°C,VRF=2.35V)
2.35vRF1_N
2.35vRF1_P
2.35vRF2_N
2.35vRF2_P
2.35vRF3_N
2.35vRF3_P
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
400 600 800 10001200140016001800200022002400260028003000
Insertion
Loss(dB)
Frequency (MHz)
MaxInsertion Loss
(Temp=25°C,VRF=1.8V)
1.8vRF1_N
1.8vRF1_P
1.8vRF2_N
1.8vRF2_P
1.8vRF3_N
1.8vRF3_P
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
400 600 800 10001200 14001600180020002200 2400260028003000
Insertion
Loss (dB)
Frequency (MHz)
MaxInsertion Loss
(Temp=25°C,VRF=2.35V)
2.35vRF1_N
2.35vRF1_P
2.35vRF2_N
2.35vRF2_P
2.35vRF3_N
2.35vRF3_P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com