Electronic Components Datasheet Search
  English  ▼

X  

RF1236 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF1236
Description  BROADBAND MEDIUM POWER DIFFERENTIAL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1236 Datasheet(HTML) 4 Page - RF Micro Devices

  RF1236 Datasheet HTML 1Page - RF Micro Devices RF1236 Datasheet HTML 2Page - RF Micro Devices RF1236 Datasheet HTML 3Page - RF Micro Devices RF1236 Datasheet HTML 4Page - RF Micro Devices RF1236 Datasheet HTML 5Page - RF Micro Devices RF1236 Datasheet HTML 6Page - RF Micro Devices RF1236 Datasheet HTML 7Page - RF Micro Devices RF1236 Datasheet HTML 8Page - RF Micro Devices RF1236 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RF1236
DS110418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Control Logic
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - Vcontrol_low=1.8V
(continued)
V1, V2, V3=High=1.8V,
V1, V2, V3=Low=0V. Temp=25°C.
Second Harmonic
62
78
dBc
PIN=16dBm; F0=880MHz
62
78
dBc
PIN=16dBm; F0=1880MHz
62
74
dBc
PIN=16dBm; F0=2500MHz
Third Harmonic
62
68
dBc
PIN=16dBm; F0=880MHz
62
75
dBc
PIN=16dBm; F0=1880MHz
62
68
dBc
PIN=16dBm; F0=2500MHz
IIP2
RF1, RF2, RF3-COM (Cell)
83
dBm
Tone 1: 836.5MHz at 16dBm, Tone 2:
1718MHz at -20dBm, Receive Freq: 881.5MHz
RF1, RF2, RF3-COM (AWS)
82
dBm
Tone 1: 1732.5MHz at 16dBm, Tone 2:
3865MHz at -20dBm, Receive Freq:
2132.5MHz
RF1, RF2, RF3-COM (PCS)
83
dBm
Tone 1: 1880MHz at 16dBm, Tone 2:
3840MHz at -20dBm, Receive Freq: 1960MHz
IIP3
RF1, RF2, RF3-COM (Cell)
46
dBm
Tone 1: 836.5MHz at 16dBm, Tone 2:
791.5MHz at -20dBm, Receive Freq:
881.5MHz
RF1, RF2, RF3-COM (IMT)
46
dBm
Tone 1: 1950MHz at 16dBm, Tone 2:
1760MHz at -20dBm, Receive Freq: 2140MHz
IP0.1dB
19.5
dBm
Switching Speed
0.34
s
50% Control to 90% RFON
1.16
s
50% Control to 90% RFOFF
Control Signals
Signal Paths
VC1
VC2
VC3
RF1N - COM_N
RF1P - COM_P
RF2P - COM_P,
RF2P - COM_P
RF3N - COM_N,
RF3P - COM_P
Valid States
100
ON
OFF
OFF
010
OFF
ON
OFF
001
OFF
OFF
ON
Invalid
States
000
Indeterminate State*
011
Indeterminate State*
101
Indeterminate State*
110
Indeterminate State*
111
Indeterminate State*
0: Logic level low, 0V~0.4V
1: Logic level high, 1.6V~3.6V
Note: In indeterminate states, both signal paths are ON with degraded performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com