Electronic Components Datasheet Search
  English  ▼

X  

RF1236 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1236
Description  BROADBAND MEDIUM POWER DIFFERENTIAL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1236 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1236 Datasheet HTML 1Page - RF Micro Devices RF1236 Datasheet HTML 2Page - RF Micro Devices RF1236 Datasheet HTML 3Page - RF Micro Devices RF1236 Datasheet HTML 4Page - RF Micro Devices RF1236 Datasheet HTML 5Page - RF Micro Devices RF1236 Datasheet HTML 6Page - RF Micro Devices RF1236 Datasheet HTML 7Page - RF Micro Devices RF1236 Datasheet HTML 8Page - RF Micro Devices RF1236 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
COM_P
COM_N
RF3_P
RF3_N
RF1_P
RF1_N
V1 V2
RF2_P
RF2_N
V3
RF1236
BROADBAND MEDIUM POWER DIFFERENTIAL
SP3T SWITCH
The RF1236 is a single-pole three-throw (SP3T) differential switch
designed for general purpose switching applications which require very
low insertion loss and low power signal routing applications. The RF1236
features low insertion loss, high linearity, and very good harmonic charac-
teristics. The switch is operable from 1.8V to 3.6V control voltage. It is fab-
ricated with 0.5
m GaAs pHEMT process and is packaged in a very
compact 2.0mmx2.0mm, 12-pin, leadless QFN package.
Features
Broadband Frequency Perfor-
mance
Low Frequency - 3.5GHz
Very Low Insertion Loss:
0.3dB Typ. at 0.90GHz
0.55dB Typ. at 1.90GHz
Excellent Linearity Performance:
IIP2 Typ. 103dBm at 0.90GHz
IIP2 Typ. 100dBm at 1.90GHz
1.8V Capable for Low Power
Applications
Applications
Cellular Handset Applications
IEEE802.11b/g WLAN Applica-
tions
Multi-Mode GSM, W-CDMA Appli-
cations
WLAN Applications
SAW Filter Switching
RF1236
Broadband Medium Power Differential SP3T Switch
RF1236PCBA-410
Fully Assembled Evaluation Board
DS110418
Package Style: QFN, 12-Pin, 2.0mmx2.0mmx0.55mm


Similar Part No. - RF1236

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1238 RFM-RF1238 Datasheet
241Kb / 2P
318.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1238 MURATA-RF1238 Datasheet
210Kb / 2P
318.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1238B RFM-RF1238B Datasheet
171Kb / 2P
318.0 MHz SAW Filter
More results

Similar Description - RF1236

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
Medium Power Differential Line Driver
February 10, 2005
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
Medium Power Differential Line Driver
April 18, 2005
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
logo
American Accurate Compo...
LA1020N3220 AAC-LA1020N3220 Datasheet
85Kb / 1P
Broadband Low Noise Medium Power Amplifiers
logo
RF Micro Devices
RF3023 RFMD-RF3023 Datasheet
994Kb / 5P
BROADBAND MEDIUM POWER SPDT SWITCH
RF3024 RFMD-RF3024 Datasheet
353Kb / 5P
BROADBAND MEDIUM POWER SPDT SWITCH
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
BROADBAND MEDIUM POWER SPDT SWITCH
RF1128 RFMD-RF1128 Datasheet
383Kb / 6P
BROADBAND MEDIUM POWER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com