Electronic Components Datasheet Search
  English  ▼

X  

MRF175LU Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF175LU
Description  N-CHANNEL BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF175LU Datasheet(HTML) 3 Page - Tyco Electronics

  MRF175LU Datasheet HTML 1Page - Tyco Electronics MRF175LU Datasheet HTML 2Page - Tyco Electronics MRF175LU Datasheet HTML 3Page - Tyco Electronics MRF175LU Datasheet HTML 4Page - Tyco Electronics MRF175LU Datasheet HTML 5Page - Tyco Electronics MRF175LU Datasheet HTML 6Page - Tyco Electronics MRF175LU Datasheet HTML 7Page - Tyco Electronics MRF175LU Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF175LU MRF175LV
MOTOROLA RF DEVICE DATA
Figure 2. 400 MHz Test Circuit
Figure 3. Common Source Unity Current Gain
Frequency versus Drain Current
Figure 4. DC Safe Operating Area
R2
C14
Z2
+ v
GND
OUT
C8
C7
C6
C5
D.U.T.
C4
C3
C2
L1
R1
L2
C12
Z3
C9
.01 mf
L3
C11
C13
0.25″
0.4″
Z1
4000
3000
2000
1000
0
0
2
4
6
8
10
1214
1618
20
ID, DRAIN CURRENT (AMPS)
100
10
0
0
10
100
ID, DRAIN CURRENT (AMPS)
C1
IN
VDS = 20 V
10 V
TC = 25°C
C1, C8 — 270 pF ATC Chip Cap
C2, C4, C6, C7 — 1.0–20 pF Trimmer Cap
C3 — 15 pF Mini Unelco Cap
C5 — 33 pF Mini Unelco Cap
C9, C12 — 0.1
µF Ceramic Cap
C11, C14 — 680 pF Feed Thru Cap
C13 — 50
µF Tantalum Cap
L1 — Hairpin Inductor #18 Wire
L2 — 12 Turns #18 Wire 0.450
″ ID
L3 — Ferroxcube VK200 20/4B
R1 — 10 k 1/4 W Resistor
R2 — 1 k 1/4 W Resistor
R3 — 1.5 k 1/4 W Resistor
Z1 — Microstrip Line 0.950
″ x 0.250″
Z2 — Microstrip Line 1
″ x 0.250″
Z3 — Microstrip Line 0.550
″ x 0.250″
Board Material — 0.062
″ Teflon —
fiberglass,
εr = 2.56, 1 oz. copper
clad both sides
TYPICAL CHARACTERISTICS
BIAS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com