Electronic Components Datasheet Search
  English  ▼

X  

MRF175LU Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF175LU
Description  N-CHANNEL BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF175LU Datasheet(HTML) 4 Page - Tyco Electronics

  MRF175LU Datasheet HTML 1Page - Tyco Electronics MRF175LU Datasheet HTML 2Page - Tyco Electronics MRF175LU Datasheet HTML 3Page - Tyco Electronics MRF175LU Datasheet HTML 4Page - Tyco Electronics MRF175LU Datasheet HTML 5Page - Tyco Electronics MRF175LU Datasheet HTML 6Page - Tyco Electronics MRF175LU Datasheet HTML 7Page - Tyco Electronics MRF175LU Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MRF175LU MRF175LV
4
MOTOROLA RF DEVICE DATA
Figure 5. Drain Current versus Gate Voltage
(Transfer Characteristics)
Figure 6. Gate–Source Voltage versus
Case Temperature
5
4
3
2
0
12
3
4
5
6
VGS, GATE-SOURCE VOLTAGE (VOLTS)
1.2
1
0.9
0.8
-25
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (°C)
1.1
1
TYPICAL DEVICE SHOWN, VGS(th) = 3 V
VDD = 28 V
ID = 4 A
3 A
2 A
100 mA
VDS = 10 V
Figure 7. Capacitance versus Drain–Source Voltage
1000
500
100
0
0
5
10
15
20
25
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
VGS = 0 V
f = 1 MHz
Coss
200
50
20
Ciss
Coss
Crss
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com