Electronic Components Datasheet Search
  English  ▼

X  

MRF175LU Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF175LU
Description  N-CHANNEL BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF175LU Datasheet(HTML) 5 Page - Tyco Electronics

  MRF175LU Datasheet HTML 1Page - Tyco Electronics MRF175LU Datasheet HTML 2Page - Tyco Electronics MRF175LU Datasheet HTML 3Page - Tyco Electronics MRF175LU Datasheet HTML 4Page - Tyco Electronics MRF175LU Datasheet HTML 5Page - Tyco Electronics MRF175LU Datasheet HTML 6Page - Tyco Electronics MRF175LU Datasheet HTML 7Page - Tyco Electronics MRF175LU Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF175LU MRF175LV
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 8. Output Power versus Supply Voltage
Figure 9. Output Power versus Supply Voltage
MRF175LV
Figure 10. Power Gain versus Frequency
Figure 11. Output Power versus Input Power
MRF175LU
160
120
80
40
0
0
2
4
6
8
10
12141618
20
Pin, INPUT POWER (WATTS)
f = 225 MHz
VDD = 28 V
IDQ = 100 mA
400 MHz
IDQ = 100 mA
f = 400 MHz
f = 225 MHz
IDQ = 100 mA
140
100
60
20
VDS = 28 V
IDQ = 100 mA
Pout = 100 W
Pin = 14 W
10 W
160
120
80
40
12
140
100
60
20
14
16
18
20
22
24
26
28
SUPPLY VOLTAGE (VOLTS)
Pin = 6 W
4 W
160
120
80
40
12
140
100
60
20
16
20
24
28
VDD, SUPPLY VOLTAGE (VOLTS)
30
25
20
15
5
5
10
f, FREQUENCY (MHz)
10
20
50
100
200
500
2 W
6 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com