Electronic Components Datasheet Search
  English  ▼

X  

MRF175LU Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF175LU
Description  N-CHANNEL BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF175LU Datasheet(HTML) 6 Page - Tyco Electronics

  MRF175LU Datasheet HTML 1Page - Tyco Electronics MRF175LU Datasheet HTML 2Page - Tyco Electronics MRF175LU Datasheet HTML 3Page - Tyco Electronics MRF175LU Datasheet HTML 4Page - Tyco Electronics MRF175LU Datasheet HTML 5Page - Tyco Electronics MRF175LU Datasheet HTML 6Page - Tyco Electronics MRF175LU Datasheet HTML 7Page - Tyco Electronics MRF175LU Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MRF175LU MRF175LV
6
MOTOROLA RF DEVICE DATA
INPUT AND OUTPUT IMPEDANCE
Zin
f = 400 MHz
f = 400 MHz
300
300
100
30
225
30
ZOL*
Zo = 10 Ω
ZOL* = CONJUGATE OF THE OPTIMUM
LOAD IMPEDANCE INTO WHICH THE
DEVICE OUTPUT OPERATES AT A GIVEN
OUTPUT POWER, VOLTAGE AND FREQUENCY.
225
175
150
175
150
100
f
MHz
Zin
Ohms
ZOL*
Ohms
30
100
150
175
225
300
400
2.80 - j4.00
1.40 - j2.80
1.10 - j1.90
1.00 - j1.25
0.95 - j0.65
0.95 + j0.20
1.05 + j1.15
3.65 - j1.30
2.60 - j1.50
2.10 - j1.40
1.80 - j1.20
1.50 - j0.80
1.35 - j0.30
1.45 + j0.55
VDD = 28 V, IDQ = 100 mA,
(Pout = 100 W)
Figure 12.
RF POWER MOSFET CONSIDERATIONS
MOSFET CAPACITANCES
The physical structure of a MOSFET results in capacitors
between the terminals. The metal oxide gate structure deter-
mines the capacitors from gate–to–drain (Cgd), and gate–to–
source (Cgs). The PN junction formed during the fabrication
of the FET results in a junction capacitance from drain–to–
source (Cds).
These capacitances are characterized as input (Ciss), out-
put (Coss) and reverse transfer (Crss) capacitances on data
sheets. The relationships between the inter–terminal capaci-
tances and those given on data sheets are shown below. The
Ciss can be specified in two ways:
1. Drain shorted to source and positive voltage at the gate.
2. Positive voltage of the drain in respect to source and zero
volts at the gate. In the latter case the numbers are lower.
However, neither method represents the actual operat-
ing conditions in RF applications.
Cgd
GATE
SOURCE
Cgs
DRAIN
Cds
Ciss = Cgd + Cgs
Coss = Cgd + Cds
Crss = Cgd
LINEARITY AND GAIN CHARACTERISTICS
In addition to the typical IMD and power gain data present-
ed, Figure 3 may give the designer additional information on
the capabilities of this device. The graph represents the
small signal unity current gain frequency at a given drain cur-
rent level. This is equivalent to fT for bipolar transistors.
Since this test is performed at a fast sweep speed, heating of
the device does not occur. Thus, in normal use, the higher
temperatures may degrade these characteristics to some ex-
tent.
DRAIN CHARACTERISTICS
One figure of merit for a FET is its static resistance in the
full–on condition. This on–resistance, VDS(on), occurs in the
linear region of the output characteristic and is specified un-
der specific test conditions for gate–source voltage and drain
current. For MOSFETs, VDS(on) has a positive temperature
coefficient and constitutes an important design consideration
at high temperatures, because it contributes to the power
dissipation within the device.
GATE CHARACTERISTICS
The gate of the FET is a polysilicon material, and is electri-
cally isolated from the source by a layer of oxide. The input
resistance is very high — on the order of 109 ohms — result-
ing in a leakage current of a few nanoamperes.
Gate control is achieved by applying a positive voltage
slightly in excess of the gate–to–source threshold voltage,
VGS(th).
Gate Voltage Rating — Never exceed the gate voltage
rating. Exceeding the rated VGS can result in permanent
damage to the oxide layer in the gate region.
Gate Termination — The gates of these devices are es-
sentially capacitors. Circuits that leave the gate open–cir-
cuited or floating should be avoided. These conditions can
result in turn–on of the devices due to voltage build–up on
the input capacitor due to leakage currents or pickup.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com