Electronic Components Datasheet Search
  English  ▼

X  

MRF177 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF177
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF177 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF177 Datasheet HTML 1Page - Tyco Electronics MRF177 Datasheet HTML 2Page - Tyco Electronics MRF177 Datasheet HTML 3Page - Tyco Electronics MRF177 Datasheet HTML 4Page - Tyco Electronics MRF177 Datasheet HTML 5Page - Tyco Electronics MRF177 Datasheet HTML 6Page - Tyco Electronics MRF177 Datasheet HTML 7Page - Tyco Electronics MRF177 Datasheet HTML 8Page - Tyco Electronics MRF177 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic (1)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 50 mA)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 V, VGS = 0)
IDSS
—
—
2.0
mAdc
Gate–Source Leakage Current
(VGS = 20 V, VDS = 0)
IGSS
—
—
1.0
µAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = 10 V, ID = 50 mA)
VGS(th)
1.0
3.0
6.0
Vdc
Drain–Source On–Voltage
(VGS = 10 V, ID = 3.0 A)
VDS(on)
—
—
1.4
Vdc
Forward Transconductance
(VDS = 10 V, ID = 2.0 A)
gfs
1.8
2.2
—
mhos
DYNAMIC CHARACTERISTICS (1)
Input Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
—
100
—
pF
Output Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
—
105
—
pF
Reverse Transfer Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
—
10
—
pF
FUNCTIONAL CHARACTERISTICS (Figure 8) (2)
Common Source Power Gain
(VDD = 28 Vdc, Pout = 100 W, f = 400 MHz, IDQ = 200 mA)
GPS
10
12
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 100 W, f = 400 MHz, IDQ = 200 mA)
η
55
60
—
%
Electrical Ruggedness
(VDD = 28 Vdc, Pout = 100 W, f = 400 MHz, IDQ = 200 mA,
Load VSWR = 30:1, All Phase Angles At Frequency of Test)
ψ
No Degradation
in Output Power
Before & After Test
(1) Note each transistor chip measured separately
(2) Both transistor chips operating in push–pull amplifier
2
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com