Electronic Components Datasheet Search
  English  ▼

X  

MRF177 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF177
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF177 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF177 Datasheet HTML 1Page - Tyco Electronics MRF177 Datasheet HTML 2Page - Tyco Electronics MRF177 Datasheet HTML 3Page - Tyco Electronics MRF177 Datasheet HTML 4Page - Tyco Electronics MRF177 Datasheet HTML 5Page - Tyco Electronics MRF177 Datasheet HTML 6Page - Tyco Electronics MRF177 Datasheet HTML 7Page - Tyco Electronics MRF177 Datasheet HTML 8Page - Tyco Electronics MRF177 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS
02
4
8
10
6
140
120
100
80
60
0
20
40
Pin, INPUT POWER (WATTS)
Figure 1. Output Power versus Input Power
225 MHz
400 MHz
VDD = 28 V
IDQ = 200 mA
f = 150 MHz
50
40
30
20
0
10
02
6
8
10
4
Pin, INPUT POWER (WATTS)
Figure 2. Output Power versus Input Power
f = 225 MHz
400 MHz
VDD = 13.5 V
IDQ = 200 mA
Figure 3. Output Power versus Supply Voltage
28
04
8
12
16
20
24
420
360
300
240
180
0
120
60
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Ciss
Coss
Crss
140
120
100
80
60
40
20
0
30
10
12
14
18
20
22
26
28
16
24
140
120
100
80
0
20
60
40
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 4. Output Power versus Gate Voltage
Pin = 10 W
6.3 W
4 W
VGS, GATE–SOURCE VOLTAGE (VOLTS)
Figure 5. Capacitance versus Drain Voltage
–5
–4
–3
–1
0
1
3
5
–2
2
4
100
90
80
50
40
0
20
30
10
70
60
f = 400 MHz
VDS = 28 V
Pin = CONSTANT
IDQ = 200 mA
0.1
0.2
1
0.4
2
10
4
20
100
12
4
10
6
20
40
100
60
TC = 25° C
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 6. DC Safe Operating Area
IDQ = 200 mA
f = 400 MHz
VGS = 0 V
f = 1 MHz
3
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com