Electronic Components Datasheet Search
  English  ▼

X  

MRF177 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF177
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF177 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF177 Datasheet HTML 1Page - Tyco Electronics MRF177 Datasheet HTML 2Page - Tyco Electronics MRF177 Datasheet HTML 3Page - Tyco Electronics MRF177 Datasheet HTML 4Page - Tyco Electronics MRF177 Datasheet HTML 5Page - Tyco Electronics MRF177 Datasheet HTML 6Page - Tyco Electronics MRF177 Datasheet HTML 7Page - Tyco Electronics MRF177 Datasheet HTML 8Page - Tyco Electronics MRF177 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 7. Impedance or Admittance Coordinates
Zin
ZOL*
f = 400 MHz
100
Zo = 10 Ω
f
(MHz)
100
150
200
400
2.0 – j11.5
2.05 – j9.45
2.1 – j7.5
2.35 + j0.4
3.5 – j6
3.35 – j5.34
3.3 – j4.4
3.2 – j1.38
Zin
Ohms
ZOL*
Ohms
ZOL*: Conjugate of optimum load impedance
into which the device operates at a
given output power, voltage, current
and frequency.
200
150
f = 400 MHz
200
150
100
VDD = 28 V IDQ = 200 mA Pout = 100 W
NOTE: Input and Output Impedance values given are measured
gate–to–gate and drain–to–drain respectively.
4
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com