Electronic Components Datasheet Search
  English  ▼

X  

MRF177 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF177
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF177 Datasheet(HTML) 7 Page - Tyco Electronics

  MRF177 Datasheet HTML 1Page - Tyco Electronics MRF177 Datasheet HTML 2Page - Tyco Electronics MRF177 Datasheet HTML 3Page - Tyco Electronics MRF177 Datasheet HTML 4Page - Tyco Electronics MRF177 Datasheet HTML 5Page - Tyco Electronics MRF177 Datasheet HTML 6Page - Tyco Electronics MRF177 Datasheet HTML 7Page - Tyco Electronics MRF177 Datasheet HTML 8Page - Tyco Electronics MRF177 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Table 1. Common Source S–Parameters (VDS = 24 V, ID = 0.4 A) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
440
0.947
176
0.38
16
0.029
75
0.962
–179
450
0.949
176
0.38
19
0.030
78
0.984
–178
460
0.952
175
0.36
17
0.029
72
0.987
178
470
0.953
175
0.34
18
0.030
70
0.976
179
480
0.952
174
0.34
14
0.035
69
0.968
179
490
0.952
174
0.34
14
0.039
72
0.987
178
500
0.952
174
0.32
13
0.040
76
1.002
179
600
0.938
170
0.22
9
0.047
117
1.013
172
700
0.962
166
0.19
13
0.060
73
0.993
171
800
0.953
162
0.17
18
0.097
68
0.981
171
900
0.953
159
0.14
21
0.097
65
0.949
166
1000
0.952
156
0.14
27
0.110
68
0.982
163
Table 2. Common Source S–Parameters (VDS = 28 V, ID = 0.435 A)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.803
–153
13.50
89
0.028
3
0.746
–157
40
0.742
–160
9.90
90
0.026
9
0.686
–164
50
0.752
–163
7.48
85
0.025
8
0.692
–168
60
0.773
–163
6.62
80
0.026
4
0.739
–167
70
0.794
–164
5.91
74
0.026
1
0.761
–167
80
0.803
–166
5.04
70
0.025
1
0.763
–167
90
0.812
–167
4.32
68
0.024
1
0.783
–167
100
0.819
–168
3.81
64
0.022
1
0.798
–168
110
0.818
–169
3.44
62
0.022
3
0.797
–168
120
0.817
–170
3.03
61
0.021
9
0.779
–168
130
0.823
–171
2.68
59
0.020
15
0.784
–170
140
0.830
–171
2.49
57
0.021
21
0.793
–169
150
0.838
–171
2.30
53
0.027
27
0.792
–169
160
0.864
–172
2.16
52
0.030
–5
0.816
–167
170
0.865
–173
1.95
49
0.019
–2
0.827
–166
180
0.870
–173
1.79
46
0.017
8
0.869
–168
190
0.873
–174
1.67
44
0.016
18
0.882
–168
200
0.874
–175
1.55
43
0.017
27
0.878
–171
210
0.878
–176
1.40
42
0.017
37
0.866
–171
220
0.881
–176
1.29
41
0.019
47
0.858
–171
230
0.881
–177
1.25
38
0.025
53
0.918
–172
240
0.877
–178
1.20
35
0.031
59
0.882
–173
250
0.856
–180
1.13
33
0.048
57
0.893
–173
260
0.760
–178
1.03
31
0.088
24
0.899
–172
270
0.864
–171
0.96
31
0.056
–33
0.931
–172
280
0.903
–174
0.93
32
0.027
–38
0.946
–173
290
0.914
–176
0.85
30
0.015
–25
0.885
–174
7
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com