Electronic Components Datasheet Search
  English  ▼

X  

RFAC3612 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFAC3612
Description  3 Wire SPI Compatible Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAC3612 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFAC3612 Datasheet HTML 7Page - RF Micro Devices RFAC3612 Datasheet HTML 8Page - RF Micro Devices RFAC3612 Datasheet HTML 9Page - RF Micro Devices RFAC3612 Datasheet HTML 10Page - RF Micro Devices RFAC3612 Datasheet HTML 11Page - RF Micro Devices RFAC3612 Datasheet HTML 12Page - RF Micro Devices RFAC3612 Datasheet HTML 13Page - RF Micro Devices RFAC3612 Datasheet HTML 14Page - RF Micro Devices RFAC3612 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140530
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
14 of 15
RFAC3612
Pin Names and Descriptions
Pin
Name
Description
1
RF1
RF Terminal 1 of PAC
2
RF1
RF Terminal 1 of PAC
3
1
GND
Ground Pins
4
VDD
Power Supply Pin
5
SCLK
Serial Interface Clock Signal
6
CS
Enable Pin
7
SDATA
Serial Interface Data Signal
8
RF2
2
RF Terminal 2 of PAC
9
RF2
2
RF Terminal 2 of PAC
10
1
GND
Ground Pins
Notes:
1.
2 ground pins are connected internally on die. The 2 pins should all be connected to PCB GND.
2.
When operating the PAC in shunt configuration, it is recommended to ground RF2 rather than RF1.
Package Outline Drawing (Dimensions in millimeters)
Evaluation Board Available with 1 Port Shunt and 2 Port Series Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com