Electronic Components Datasheet Search
  English  ▼

X  

RFAC3612 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFAC3612
Description  3 Wire SPI Compatible Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAC3612 Datasheet(HTML) 3 Page - RF Micro Devices

  RFAC3612 Datasheet HTML 1Page - RF Micro Devices RFAC3612 Datasheet HTML 2Page - RF Micro Devices RFAC3612 Datasheet HTML 3Page - RF Micro Devices RFAC3612 Datasheet HTML 4Page - RF Micro Devices RFAC3612 Datasheet HTML 5Page - RF Micro Devices RFAC3612 Datasheet HTML 6Page - RF Micro Devices RFAC3612 Datasheet HTML 7Page - RF Micro Devices RFAC3612 Datasheet HTML 8Page - RF Micro Devices RFAC3612 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140530
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 15
RFAC3612
Parameter
Specification
Unit
Condition
Min
Typ
Max
Series Capacitance, State 1
0.59
0.66
0.72
pF
Series Capacitance, State 2
0.77
0.86
0.91
pF
Series Capacitance, State 4
1.13
1.26
1.38
pF
Series Capacitance, State 8
1.85
2.05
2.26
pF
Series Capacitance, State 16
3.28
3.64
4.01
pF
Series Capacitance, State 32
6.15
6.83
7.51
pF
Max Series Capacitance, State 63
11.7
13
14.3
pF
Capacitance Step (CSTEP SERIES)
0.2
pF
Port Capacitance to Ground (Cp)
2
0.4
pF
Total Series Inductance
– Two Sided (Ls)
2
0.8
nH
Series Self-resonance Frequency (fRES
SERIES)
State 16
2700
MHz
State 32
2130
MHz
State 63
1625
MHz
Rp1
2
2.5
Ω
Rp2
2
16
Ω
When either shunt switch is on, the Rp2 on that side reduces to
this value
4800
Ω
Normal operation with shunt switches open
Quality Factor (RF2 Port Grounded,
Inductance Removed) (Q)
State 0
23
f = 1GHz
State 31
17
State 63
15
State 0
42
f = 2GHz
State 31
8
Series Configuration, Nonlinear
Parameters
Second Harmonic, 2-f0 (P2H SERIES)
States 0 to 3
-72
-43
dBm
PFWD = 35dBm, f0 = 900MHz
States 4 to 63
-55
-40
dBm
PFWD = 36dBm, f0 = 900MHz
States 0 to 63
-70
dBm
PFWD = 33dBm, f0 = 1910MHz
Third Harmonic, 3-f0 (P3H SERIES)
States 0 to 7
-60
-34
dBm
PFWD = 35dBm, f0 = 900MHz
States 8 to 63
-59
-40
dBm
PFWD = 36dBm, f0 = 900MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com