Electronic Components Datasheet Search
  English  ▼

X  

SDA-5000 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SDA-5000
Description  GaAs Distributed Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-5000 Datasheet(HTML) 2 Page - RF Micro Devices

  SDA-5000 Datasheet HTML 1Page - RF Micro Devices SDA-5000 Datasheet HTML 2Page - RF Micro Devices SDA-5000 Datasheet HTML 3Page - RF Micro Devices SDA-5000 Datasheet HTML 4Page - RF Micro Devices SDA-5000 Datasheet HTML 5Page - RF Micro Devices SDA-5000 Datasheet HTML 6Page - RF Micro Devices SDA-5000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140210
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 7
SDA-5000
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Bias Voltage (VDD)
+8.0
VDC
Gate Bias Voltage (VTI)
-2 to +0
VDC
Gate Bias Voltage (VG2)
(VDD-8.0) VDC to VDD
V
RF Input Power (VDD = +8.0VDC)
15
dBm
Operating Junction Temperature (TJ)
+175
°C
Continuous Power Dissipation (T = +85°C)
750
mW
Thermal Resistance (Pad to Die Bottom)
116
°C/W
Storage Temperature
-40 to +150
°C
Operating Temperature
-40 to +85
°C
ESD JESD22-A114 Human Body Model (HBM)
Class 0 (All Pads)
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
TA = +25°C, VDD = +8VDC, VG2 = +1.5VDC,
IDD = 100mA*
Operating Frequency
0
35
GHz
3dB BW
Gain
10.8
11.8
dB
20GHz
IP3
25
dBm
POUT 0dBm, 20GHz
P1dB
15
dBm
20GHz
P3dB
17.5
dBm
20GHz
Noise Figure at Mid-Band
4
dB
20GHz
Input Return Loss
16
dB
Output Return Loss
15
Supply Current
100
mA
Supply Voltage
6.5
VDC
*Adjust VTI between -1.5VDC to +0.2VDC to achieve IDD = 160mA typical., VG2 = 2.75VDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com